Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1726 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP1726
Description  1A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP1726 Datasheet HTML 15Page - Microchip Technology MCP1726 Datasheet HTML 16Page - Microchip Technology MCP1726 Datasheet HTML 17Page - Microchip Technology MCP1726 Datasheet HTML 18Page - Microchip Technology MCP1726 Datasheet HTML 19Page - Microchip Technology MCP1726 Datasheet HTML 20Page - Microchip Technology MCP1726 Datasheet HTML 21Page - Microchip Technology MCP1726 Datasheet HTML 22Page - Microchip Technology MCP1726 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
© 2005 Microchip Technology Inc.
DS21936B-page 19
MCP1726
The maximum power dissipation capability for a
package can be calculated given the junction-to-
ambient thermal resistance and the maximum ambient
temperature for the application. The following equation
can be used to determine the package maximum inter-
nal power dissipation.
EQUATION 5-4:
EQUATION 5-5:
EQUATION 5-6:
5.3
Typical Application
Internal power dissipation, junction temperature rise,
junction temperature and maximum power dissipation
is calculated in the following example. The power dissi-
pation as a result of ground current is small enough to
be neglected.
5.3.1
POWER DISSIPATION EXAMPLE
Device Junction Temperature Rise
The internal junction temperature rise is a function of
internal power dissipation and the thermal resistance
from junction to ambient for the application. The ther-
mal resistance from junction to ambient (R
θJA) is
derived from an EIA/JEDEC standard for measuring
thermal resistance for small surface-mount packages.
The EIA/JEDEC specification is JESD51-7 “High
Effective Thermal Conductivity Test Board for Leaded
Surface-Mount Packages”. The standard describes the
test method and board specifications for measuring the
thermal resistance from junction to ambient. The actual
thermal resistance for a particular application can vary
depending on many factors such as copper area and
thickness. Refer to AN792, “A Method to Determine
How Much Power a SOT23 Can Dissipate in an Appli-
cation” (DS00792), for more information regarding this
subject.
P
DMAX
()
T
JMAX
() TAMAX
()
–
()
R
θ
JA
---------------------------------------------------
=
PD(MAX) = Maximum device power
dissipation
TJ(MAX) = maximum continuous junction
temperature
TA(MAX) = maximum ambient temperature
R
θJA = Thermal resistance from junction
to ambient
T
JRISE
()
P
DMAX
()
R
θ
JA
×
=
TJ(RISE) = Rise in device junction
temperature over the ambient
temperature
PD(MAX) = Maximum device power
dissipation
R
θJA = Thermal resistance from junction
to ambient
T
J
T
JRISE
()
T
A
+
=
TJ = Junction temperature
TJ(RISE) = Rise in device junction
temperature over the ambient
temperature
TA = Ambient temperature
Package
Package Type = 3X3DFN
Input Voltage
VIN = 3.3V ± 10%
LDO Output Voltage and Current
VOUT = 2.5V
IOUT = 1.0A
Maximum Ambient Temperature
TA(MAX) = 70°C
Internal Power Dissipation
PLDO(MAX) =(VIN(MAX) – VOUT(MIN)) x IOUT(MAX)
PLDO = (3.3V x 1.1) – (0.975 x 2.5V))
x 1.0A
PLDO = 1.192 Watts
TJ(RISE) =PTOTAL x RθJA
TJRISE = 1.192 W x 41.0° C/W
TJRISE =48.8°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com