Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1726 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1726
Description  1A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1726 Datasheet HTML 12Page - Microchip Technology MCP1726 Datasheet HTML 13Page - Microchip Technology MCP1726 Datasheet HTML 14Page - Microchip Technology MCP1726 Datasheet HTML 15Page - Microchip Technology MCP1726 Datasheet HTML 16Page - Microchip Technology MCP1726 Datasheet HTML 17Page - Microchip Technology MCP1726 Datasheet HTML 18Page - Microchip Technology MCP1726 Datasheet HTML 19Page - Microchip Technology MCP1726 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
MCP1726
DS21936B-page 16
© 2005 Microchip Technology Inc.
Once the power good threshold (rising) has been
reached, the CDELAY pin charges the external capacitor
to 1.5V (typical, this level can vary between 1.4V and
1.75V across the input voltage range of the part). The
PWRGD output will transition high when the CDELAY
pin voltage has charged to 0.42V. If the output falls
below the power good threshold limit during the
charging time between 0.0V and 0.42V on the CDELAY
pin, the CDELAY pin voltage will be pulled to ground,
thus resetting the timer. The CDELAY pin will be held low
until the output voltage of the LDO has once again risen
above the power good rising threshold. A timing
diagram showing CDELAY, PWRGD and VOUT is shown
in Figure 4-4.
FIGURE 4-4:
CDELAY and PWRGD Timing
Diagram.
4.7
Shutdown Input (SHDN)
The SHDN input is an active-low input signal that turns
the LDO on and off. The SHDN threshold is a percent-
age of the input voltage. The typical value of this
shutdown threshold is 30% of VIN, with minimum and
maximum limits over the entire operating temperature
range of 45% and 15%, respectively.
The SHDN input will ignore low-going pulses (pulses
meant to shut down the LDO) that are up to 400 ns in
pulse width. If the shutdown input is pulled low for more
than 400 ns, the LDO will enter Shutdown mode. This
small bit of filtering helps to reject any system noise
spikes on the shutdown input signal.
On the rising edge of the SHDN input, the shutdown cir-
cuitry has a 30 µs delay before allowing the LDO output
to turn on. This delay helps to reject any false turn-on
signals or noise on the SHDN input signal. After the
30 µs delay, the LDO output enters its soft-start period
as it rises from 0V to its final regulation value. If the
SHDN input signal is pulled low during the 30 µs delay
period, the timer will be reset and the delay time will
start over again on the next rising edge of the SHDN
input. The total time from the SHDN input going high
(turn-on) to the LDO output being in regulation is
typically 100 µs. See Figure 4-5 for a timing diagram of
the SHDN input.
FIGURE 4-5:
Shutdown Input Timing
Diagram.
4.8
Dropout Voltage and
Undervoltage Lockout
Dropout voltage is defined as the input-to-output
voltage differential at which the output voltage drops
2% below the nominal value that was measured with a
VR + 0.5V differential applied. The MCP1726 LDO has
a very low dropout voltage specification of 220 mV
(typical) at 1A of output current. See the Electrical
Characteristics table for maximum dropout voltage
specifications.
The MCP1726 LDO operates across an input voltage
range of 2.3V to 6.0V and incorporates input Undervolt-
age Lockout (UVLO) circuitry that keeps the LDO
output voltage off until the input voltage reaches a
minimum of 2.18V (typical) on the rising edge of the
input voltage. As the input voltage falls, the LDO output
will remain on until the input voltage level reaches
2.04V (typical).
Since the MCP1726 LDO undervoltage lockout acti-
vates at 2.04V as the input voltage is falling, the drop-
out voltage specification does not apply for output
voltages that are less than 1.9V.
For high-current applications, voltage drops across the
PCB traces must be taken into account. The trace
resistances can cause significant voltage drops
between the input voltage source and the LDO. For
applications with input voltages near 2.3V, these PCB
trace voltage drops can sometimes lower the input volt-
age enough to trigger a shutdown due to undervoltage
lockout.
VOUT
TPG
VPWRGD_TH
CDELAY
CDELAY Threshold (0.42V)
PWRGD
0V
1.5V (typ)
SHDN
VOUT
30 µs
70 µs
TOR
400 ns (typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com