Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1726 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1726
Description  1A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726 Datasheet(HTML) 4 Page - Microchip Technology

  MCP1726 Datasheet HTML 1Page - Microchip Technology MCP1726 Datasheet HTML 2Page - Microchip Technology MCP1726 Datasheet HTML 3Page - Microchip Technology MCP1726 Datasheet HTML 4Page - Microchip Technology MCP1726 Datasheet HTML 5Page - Microchip Technology MCP1726 Datasheet HTML 6Page - Microchip Technology MCP1726 Datasheet HTML 7Page - Microchip Technology MCP1726 Datasheet HTML 8Page - Microchip Technology MCP1726 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
MCP1726
DS21936B-page 4
© 2005 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VIN ....................................................................................6.5V
Maximum Voltage on Any Pin .. (GND – 0.3V) to (VDD + 0.3)V
Maximum Junction Temperature, TJ ........................... +150°C
Maximum Power Dissipation ......... Internally-Limited (Note 6)
Storage temperature .....................................-65°C to +150°C
† Notice: Stresses above those listed under “Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, VIN = (VR + 0.5V) or 2.3V, whichever is greater, IOUT = 1 mA,
CIN = COUT = 4.7 µF (X7R Ceramic), TA = +25°C.
Boldface type applies for junction temperatures, TJ (Note 7) of -40°C to +125°C
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Operating Voltage
VIN
2.3
6.0
V
Note 1
Input Quiescent Current
Iq
—140
220
µA
IL = 0 mA, VIN = VR +0.5V,
VOUT = 0.8V to 5.0V
Input Quiescent Current for
SHDN Mode
ISHDN
—0.1
3
µA
SHDN = GND
Maximum Output Current
IOUT
1
——
A
VIN = 2.3V to 6.0V (Note 1)
Line Regulation
ΔVOUT/
(VOUT x ΔVIN)
—0.05
0.3
%/V
(VR + 0.5)V ≤ VIN ≤ 6V
Load Regulation
ΔVOUT/VOUT
-1.5
±0.5
1.5
%IOUT = 1 mA to 1A,
VIN = (VR + 0.6)V (Note 4)
Output Short Circuit Current
IOUT_SC
—1.7
—
A
VIN = (VR + 0.5)V,
RLOAD <0.1Ω, Peak Cur-
rent
Adjust Pin Characteristics
Adjust Pin Reference Voltage
VADJ
0.402
0.410
0.418
VVIN = 2.3V to VIN =6.0V,
IOUT = 1 mA
Adjust Pin Leakage Current
IADJ
-10
±0.01
+10
nA
VIN = 6.0V,
VADJ =0V to 6V
Adjust Temperature Coefficient
TCVOUT
—40
—
ppm/°C Note 3
Note 1:
The minimum VIN must meet two conditions: VIN ≥ 2.3V and VIN ≥ (VR + 2.5%) + VDROPOUT.
2:
VR is the nominal regulator output voltage for the fixed cases. VR = 1.2V, 1.8V, etc. VR is the desired set
point output voltage for the adjustable cases. VR = VADJ * ((R1/R2)+1). Figure 4-1.
3:
TCVOUT = (VOUT-HIGH – VOUT-LOW) *10
6 / (V
R * ΔTemperature). VOUT-HIGH is the highest voltage measured
over the temperature range. VOUT-LOW is the lowest voltage measured over the temperature range.
4:
Load regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load
regulation is tested over a load range from 1 mA to the maximum specified output current.
5:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2%
below its nominal value that was measured with an input voltage of VIN = VR + 0.5V.
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air. (i.e., TA, TJ, θJA). Exceeding the maxi-
mum allowable power dissipation will cause the device operating junction temperature to exceed the maxi-
mum 150°C rating. Sustained junction temperatures above 125°C can impact device reliability.
7:
The junction temperature is approximated by soaking the device under test at an ambient temperature
equal to the desired junction temperature. The test time is small enough such that the rise in the junction
temperature over the ambient temperature is not significant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com