Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1726 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1726
Description  1A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726 Datasheet(HTML) 5 Page - Microchip Technology

  MCP1726 Datasheet HTML 1Page - Microchip Technology MCP1726 Datasheet HTML 2Page - Microchip Technology MCP1726 Datasheet HTML 3Page - Microchip Technology MCP1726 Datasheet HTML 4Page - Microchip Technology MCP1726 Datasheet HTML 5Page - Microchip Technology MCP1726 Datasheet HTML 6Page - Microchip Technology MCP1726 Datasheet HTML 7Page - Microchip Technology MCP1726 Datasheet HTML 8Page - Microchip Technology MCP1726 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
© 2005 Microchip Technology Inc.
DS21936B-page 5
MCP1726
Fixed-Output Characteristics
Voltage Regulation
VOUT
VR -
2.5%
VR
±0.5%
VR +
2.5%
V
Note 2
Dropout Characteristics
Dropout Voltage
VIN-VOUT
—220
500
mV
IOUT = 1A, VIN(MIN) =2.3V
(Note 5)
Power Good Characteristics
Input Voltage Operating Range
for Valid PWRGD
VPWRGD_VIN
1.0
—
6.0
V
TA = +25°C
1.2
—
6.0
TA = -40°C to +125°C
ISINK =100 µA
PWRGD Threshold Voltage
(Referenced to VOUT)
PWRGD_THF
88
92
96
%VOUT < 2.5V, Falling Edge
89
92
95
%VOUT > 2.5V, Falling Edge
PWRGD_THR
89
94
98
%VOUT < 2.5V, Rising Edge
90
93
96
%VOUT > 2.5V, Rising Edge
PWRGD Output Voltage Low
VPWRGD_L
—0.2
0.4
VIPWRGD SINK = 1.2 mA
PWRGD Leakage
PWRGD_LK
—0.1
—
µA
VPWRGD = VIN = 6.0V
PWRGD Time Delay
TPG
—200
—
µs
CDELAY = OPEN
10
30
55
ms
CDELAY =0.01µF
—300
—
ms
CDELAY =0.1 µF
Detect Threshold to PWRGD
Active Time Delay
TVDET-PWRGD
—170
—
µs
Shutdown Input
Logic-High Input
VSHDN-HIGH
45
%VIN
VIN = 2.3V to 6.0V
Logic-Low Input
VSHDN-Low
15
%VIN
VIN = 2.3V to 6.0V
SHDN Input Leakage Current
SHDNILK
-0.1
±0.001
+0.1
µA
VIN = 6V, SHDN =VIN,
SHDN = GND
DC CHARACTERISTICS (Continued)
Electrical Specifications: Unless otherwise noted, VIN = (VR + 0.5V) or 2.3V, whichever is greater, IOUT = 1 mA,
CIN = COUT = 4.7 µF (X7R Ceramic), TA = +25°C.
Boldface type applies for junction temperatures, TJ (Note 7) of -40°C to +125°C
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
The minimum VIN must meet two conditions: VIN ≥ 2.3V and VIN ≥ (VR + 2.5%) + VDROPOUT.
2:
VR is the nominal regulator output voltage for the fixed cases. VR = 1.2V, 1.8V, etc. VR is the desired set
point output voltage for the adjustable cases. VR = VADJ * ((R1/R2)+1). Figure 4-1.
3:
TCVOUT = (VOUT-HIGH – VOUT-LOW) *10
6 / (V
R * ΔTemperature). VOUT-HIGH is the highest voltage measured
over the temperature range. VOUT-LOW is the lowest voltage measured over the temperature range.
4:
Load regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load
regulation is tested over a load range from 1 mA to the maximum specified output current.
5:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2%
below its nominal value that was measured with an input voltage of VIN = VR + 0.5V.
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air. (i.e., TA, TJ, θJA). Exceeding the maxi-
mum allowable power dissipation will cause the device operating junction temperature to exceed the maxi-
mum 150°C rating. Sustained junction temperatures above 125°C can impact device reliability.
7:
The junction temperature is approximated by soaking the device under test at an ambient temperature
equal to the desired junction temperature. The test time is small enough such that the rise in the junction
temperature over the ambient temperature is not significant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com