Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1726 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP1726
Description  1A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP1726 Datasheet HTML 22Page - Microchip Technology MCP1726 Datasheet HTML 23Page - Microchip Technology MCP1726 Datasheet HTML 24Page - Microchip Technology MCP1726 Datasheet HTML 25Page - Microchip Technology MCP1726 Datasheet HTML 26Page - Microchip Technology MCP1726 Datasheet HTML 27Page - Microchip Technology MCP1726 Datasheet HTML 28Page - Microchip Technology MCP1726 Datasheet HTML 29Page - Microchip Technology MCP1726 Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
© 2005 Microchip Technology Inc.
DS21936B-page 27
MCP1726
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device
MCP1726:1A, Low Quiescent Current LDO Regulator
Tape & Reel
T = Tape and Reel
Blank = Tube
Standard Output
Voltage *
080 = 0.80V
120 = 1.20V
180 = 1.80V
250 = 2.50V
330 = 3.30V
500 = 5.00V
ADJ = Adjustable Voltage Version
* Custom output voltages available upon request. Contact
your local Microchip sales office for more information.
Tolerance
2 = 2.0%
Temperature Range
E
=
-40
°C to +125°C
Package *
SN = Plastic SOIC, (150 mil Body) 8-Lead
MF = Plastic Dual Flat No Lead, 3x3 mm Body (DFN),
8-Lead
*Both packages are Lead Free.
PART NO.
X
XX
Package
Temp.
Device
Examples:
a)
MCP1726-0802E/MF: 0.8V, 1A LDO,
8LD DFN Pkg.
b)
MCP1726-1202E/SN: 1.20V, 1A LDO,
8LD SOIC Pkg.
c)
MCP1726T-1802E/MF:Tape and Reel, 1.80V,
1A LDO, 8LD DFN Pkg.
d)
MCP1726-2502E/SN: 2.50V, 1A LDO,
8LD SOIC Pkg.
e)
MCP1726T-3302E/MF:Tape and Reel, 3.30V,
1A LDO, 8LD DFN Pkg.
f)
MCP1726-5002E/SN: 5.00V, 1A LDO,
8LD SOIC Pkg.
g)
MCP1726-ADJE/MF:
Adjustable, , 1A LDO,
8LD DFN Pkg.
Range
X
Tolerance
-XXX
Voltage
Output
X
Tape &
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com