Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1726 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1726
Description  1A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1726 Datasheet HTML 11Page - Microchip Technology MCP1726 Datasheet HTML 12Page - Microchip Technology MCP1726 Datasheet HTML 13Page - Microchip Technology MCP1726 Datasheet HTML 14Page - Microchip Technology MCP1726 Datasheet HTML 15Page - Microchip Technology MCP1726 Datasheet HTML 16Page - Microchip Technology MCP1726 Datasheet HTML 17Page - Microchip Technology MCP1726 Datasheet HTML 18Page - Microchip Technology MCP1726 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
© 2005 Microchip Technology Inc.
DS21936B-page 15
MCP1726
4.4
Input Capacitor
Low input source impedance is necessary for the LDO
output to operate properly. When operating from
batteries, or in applications with long lead length
(> 10 inches) between the input source and the LDO,
some input capacitance is recommended. A minimum
of 1.0 µF to 4.7 µF is recommended for most applica-
tions.
For
applications
that
have
output
step
load
requirements, the input capacitance of the LDO is very
important. The input capacitance provides the LDO
with a good local low-impedance source to pull the
transient currents from in order to respond quickly to
the output load step. For good step response perfor-
mance, the input capacitor should be of equivalent (or
higher) value than the output capacitor. The capacitor
should be placed as close to the input of the LDO as is
practical. Larger input capacitors will also help reduce
any high-frequency noise on the input and output of the
LDO and reduce the effects of any inductance that
exists between the input source voltage and the input
capacitance of the LDO.
4.5
Power Good Output (PWRGD)
The PWRGD output is used to indicate when the output
voltage of the LDO is within 92% (typical value, see the
Electrical Characteristics table for Min/Max specs) of its
nominal regulation value.
As the output voltage of the LDO rises, the PWRGD
output will be held low until the output voltage has
exceeded the power good threshold plus the hysteresis
value. Once this threshold has been exceeded, the
power good time delay is started (shown as TPG in the
Electrical Characteristics table). The power good time
delay is adjustable via the CDELAY pin of the LDO (see
Section 4.6 “CDELAY Input”). By placing a capacitor
from the CDELAY pin to ground, the power good time
delay can be adjusted from 200 µs (no capacitance) to
300 ms (0.1 µF capacitor). After the time delay period,
the PWRGD output will go high, indicating that the out-
put voltage is stable and within regulation limits.
If the output voltage of the LDO falls below the power
good threshold, the power good output will transition
low. The power good circuitry has a 170 µs delay when
detecting a falling output voltage, which helps to
increase noise immunity of the power good output and
avoid false triggering of the power good output during
fast output transients. See Figure 4-2 for power good
timing characteristics.
When the LDO is put into Shutdown mode using the
SHDN input, the power good output is pulled low
immediately, indicating that the output voltage will be
out of regulation. The timing diagram for the power
good output when using the shutdown input is shown in
Figure 4-3.
The power good output is an open-drain output that can
be pulled up to any voltage that is equal to or less than
the LDO input voltage. This output is capable of sinking
1.2 mA (VPWRGD < 0.4V maximum).
FIGURE 4-2:
Power Good Timing.
FIGURE 4-3:
Power Good Timing from
Shutdown.
4.6
CDELAY Input
The CDELAY input is used to provide the power-up
delay timing for the power good output, as discussed in
the previous section. By adding a capacitor from the
CDELAY pin to ground, the PWRGD power-up time
delay can be adjusted from 200 µs (no capacitance on
CDELAY) to 300 ms (0.1 µF of capacitance on CDELAY).
See the Electrical Characteristics table for CDELAY
timing tolerances.
TPG
TVDET_PWRGD
VPWRGD_TH
VOUT
PWRGD
VOL
VOH
VIN
SHDN
VOUT
30 ms
70 ms
TOR
PWRGD
TPG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com