Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1726 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP1726
Description  1A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP1726 Datasheet HTML 16Page - Microchip Technology MCP1726 Datasheet HTML 17Page - Microchip Technology MCP1726 Datasheet HTML 18Page - Microchip Technology MCP1726 Datasheet HTML 19Page - Microchip Technology MCP1726 Datasheet HTML 20Page - Microchip Technology MCP1726 Datasheet HTML 21Page - Microchip Technology MCP1726 Datasheet HTML 22Page - Microchip Technology MCP1726 Datasheet HTML 23Page - Microchip Technology MCP1726 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
MCP1726
DS21936B-page 20
© 2005 Microchip Technology Inc.
Junction Temperature Estimate
To estimate the internal junction temperature, the
calculated temperature rise is added to the ambient or
offset temperature. For this example, the worst-case
junction temperature is estimated below:
As you can see from the result, this application will be
operating very near the maximum operating junction
temperature of 125°C. The PCB layout for this applica-
tion is very important as it has a significant impact on
the junction-to-ambient thermal resistance (R
θJA) of
the 3X3 DFN package, which is very important in this
application.
Maximum Package Power Dissipation at
70°C Ambient Temperature
From this table you can see the difference in maximum
allowable power dissipation between the 3X3 DFN
package and the 8-pin SOIC package. This difference
is due to the exposed metal tab on the bottom of the
DFN package. The exposed tab of the DFN package
provides a very good thermal path from the die of the
LDO to the PCB. The PCB then acts like a heatsink,
providing more area to distribute the heat generated by
the LDO.
TJ =TJRISE + TA(MAX)
TJ = 48.8°C + 70.0°C
TJ =118.8°C
3X3DFN (41° C/W R
θJA)
PD(MAX) = (125°C – 70°C) / 41° C/W
PD(MAX) = 1.34W
SOIC8 (150°C/Watt R
θJA)
PD(MAX) = (125°C – 70°C)/ 150° C/W
PD(MAX) = 0.366W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com