Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1726 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP1726
Description  1A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP1726 Datasheet HTML 14Page - Microchip Technology MCP1726 Datasheet HTML 15Page - Microchip Technology MCP1726 Datasheet HTML 16Page - Microchip Technology MCP1726 Datasheet HTML 17Page - Microchip Technology MCP1726 Datasheet HTML 18Page - Microchip Technology MCP1726 Datasheet HTML 19Page - Microchip Technology MCP1726 Datasheet HTML 20Page - Microchip Technology MCP1726 Datasheet HTML 21Page - Microchip Technology MCP1726 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
MCP1726
DS21936B-page 18
© 2005 Microchip Technology Inc.
5.0
APPLICATION
CIRCUITS/ISSUES
5.1
Typical Application
The MCP1726 is used for applications that require high
LDO output current and a power good output.
FIGURE 5-1:
Typical Application Circuit.
5.1.1
APPLICATION CONDITIONS
5.2
Power Calculations
5.2.1
POWER DISSIPATION
The internal power dissipation within the MCP1726 is a
function of input voltage, output voltage, output current
and quiescent current. The following equation can be
used to calculate the internal power dissipation for the
LDO.
EQUATION 5-1:
In addition to the LDO pass element power dissipation,
there is power dissipation within the MCP1726 as a
result of quiescent or ground current. The power dissi-
pation as a result of the ground current can be
calculated using the following equation:
EQUATION 5-2:
The total power dissipated within the MCP1726 is the
sum of the power dissipated in the LDO pass device
and the P(IGND) term. Because of the CMOS construc-
tion, the typical IGND for the MCP1726 is 140 µA.
Operating at a maximum of 3.63V results in a power
dissipation of 0.51 milli-Watts. For most applications,
this is small compared to the LDO pass device power
dissipation and can be neglected.
The maximum continuous operating junction tempera-
ture specified for the MCP1726 is +125°C. To estimate
the internal junction temperature of the MCP1726, the
total internal power dissipation is multiplied by the ther-
mal resistance from junction to ambient (R
θJA) of the
device. The thermal resistance from junction to ambi-
ent for the 3X3DFN package is estimated at 41° C/W.
EQUATION 5-3:
Package Type = 3X3DFN8
Input Voltage Range = 3.3V ± 10%
VIN maximum = 3.63V
VIN minimum = 2.97V
VOUT typical = 2.5V
IOUT = 1.0A maximum
VIN
SHDN
GND PWRGD
CDELAY
VOUT
VOUT
1
2
3
4
5
6
7
8
10 µF
VOUT = 2.5V @ 1A
10 µF
VIN = 3.3V
On
Off
VIN
R1
C1
C2
1000 pF
C3
MCP1726-2.5
10k
Ω
PWRGD
P
LDO
V
IN MAX
)
() VOUT MIN
()
–
() I
OUT MAX
)
()
×
=
PLDO = LDO Pass device internal power
dissipation
VIN(MAX)= Maximum input voltage
VOUT(MIN) = LDO minimum output voltage
P
IGND
()
V
IN MAX
()
I
VIN
×
=
PI(GND) = Power dissipation due to the
quiescent current of the LDO
VIN(MAX) = Maximum input voltage
IVIN = Current flowing in the VIN pin with
no LDO output current (LDO
quiescent current)
T
JMAX
()
P
TOTAL
R
θ
JA
×
T
AMAX
+
=
TJ(MAX) = Maximum continuous junction
temperature
PTOTAL = Total device power dissipation
R
θJA = Thermal resistance from junction
to ambient
TAMAX = Maximum ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com