Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1726 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1726
Description  1A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1726 Datasheet HTML 5Page - Microchip Technology MCP1726 Datasheet HTML 6Page - Microchip Technology MCP1726 Datasheet HTML 7Page - Microchip Technology MCP1726 Datasheet HTML 8Page - Microchip Technology MCP1726 Datasheet HTML 9Page - Microchip Technology MCP1726 Datasheet HTML 10Page - Microchip Technology MCP1726 Datasheet HTML 11Page - Microchip Technology MCP1726 Datasheet HTML 12Page - Microchip Technology MCP1726 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
© 2005 Microchip Technology Inc.
DS21936B-page 9
MCP1726
NOTE: Unless otherwise indicated, VIN = VOUT + 0.5V, IOUT = 1 mA and TA = +25°C.
FIGURE 2-13:
Quiescent Current vs.
Temperature.
FIGURE 2-14:
ISHDN vs. Temperature.
FIGURE 2-15:
Line Regulation vs.
Temperature (0.8V Fixed)
FIGURE 2-16:
Line Regulation vs.
Temperature (3.3V Fixed).
FIGURE 2-17:
Load Regulation vs.
Temperature (VOUT < 2.5V Fixed).
FIGURE 2-18:
Load Regulation vs.
Temperature (VOUT 2.5V Fixed).
100
110
120
130
140
150
160
170
Temperature (°C)
VOUT =0.8V
VOUT =3.3V
IOUT = 0 mA
VIN = 2.3V for 0.8V Device
0
10
20
30
40
50
60
70
80
90
100
Temperature (°C)
VIN =6.0V
VIN =3.3V
VIN =2.3V
-0.025
-0.02
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
Temperature (°C)
IOUT =1.0A
IOUT =500 mA
IOUT =100 mA
IOUT =10 mA
VOUT = 0.8V
-0.01
-0.005
0
0.005
0.01
0.015
0.02
0.025
Temperature (°C)
IOUT =500 mA
IOUT =1 mA
IOUT =1A
IOUT =100 mA
VOUT = 3.3V
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
Temperature (°C)
VOUT =1.2V
VOUT =0.8V
VOUT =1.8V
IOUT = 1 mA to 1000 mA
VIN = 2.3V
-0.70
-0.65
-0.60
-0.55
-0.50
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
Temperature (°C)
VOUT =5.0V
VOUT =3.3V
VOUT =2.5V
IOUT = 1 mA to 1000 mA
VIN = VOUT + 0.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com