Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1726 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1726
Description  1A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1726 Datasheet HTML 4Page - Microchip Technology MCP1726 Datasheet HTML 5Page - Microchip Technology MCP1726 Datasheet HTML 6Page - Microchip Technology MCP1726 Datasheet HTML 7Page - Microchip Technology MCP1726 Datasheet HTML 8Page - Microchip Technology MCP1726 Datasheet HTML 9Page - Microchip Technology MCP1726 Datasheet HTML 10Page - Microchip Technology MCP1726 Datasheet HTML 11Page - Microchip Technology MCP1726 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MCP1726
DS21936B-page 8
© 2005 Microchip Technology Inc.
NOTE: Unless otherwise indicated, VIN = VOUT + 0.5V, IOUT = 1 mA and TA = +25°C.
FIGURE 2-7:
Dropout Voltage vs. Output
Current (Adjustable Version).
FIGURE 2-8:
Dropout Voltage vs.
Temperature (Adjustable Version).
FIGURE 2-9:
Power Good (PWRGD)
Time Delay vs. Temperature.
FIGURE 2-10:
Quiescent Current vs. Input
Voltage (0.8V Fixed).
FIGURE 2-11:
Quiescent Current vs. Input
Voltage (3.3V Fixed).
FIGURE 2-12:
Ground Current vs. Load
Current.
0
25
50
75
100
125
150
175
200
225
250
0
200
400
600
800
1000
Output Current (mA)
VOUT = 5.0V
VOUT = 2.5V
Adjustable Version
190
200
210
220
230
240
250
260
270
Temperature (°C)
VOUT = 5.0V
VOUT =2.5V
VOUT = 3.3V
Adjustable Version
IOUT = 1A
20
22
24
26
28
30
32
Temperature (°C)
VIN =2.3V
VIN =5.5V
VIN =3.0V
CDELAY = 10 nF
100
110
120
130
140
150
160
170
180
Input Voltage (V)
+25°C
-40°C
+125°C
+90°C
VOUT = 0.8V
IOUT = 0 mA
0
100
200
300
400
500
600
700
800
2.3 2.6 2.9 3.2 3.5 3.8 4.1 4.4 4.7 5.0 5.3 5.6 5.9
Input Voltage (V)
+125°C
+25°C
-40°C
VOUT =3.3V
IOUT = 0 mA
120
140
160
180
200
220
240
260
280
300
320
340
0
200
400
600
800
1000
Load Current (mA)
VOUT =3.3V
VOUT =0.8V
VIN = 2.3V for 0.8V device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com