Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1726 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1726
Description  1A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1726 Datasheet HTML 7Page - Microchip Technology MCP1726 Datasheet HTML 8Page - Microchip Technology MCP1726 Datasheet HTML 9Page - Microchip Technology MCP1726 Datasheet HTML 10Page - Microchip Technology MCP1726 Datasheet HTML 11Page - Microchip Technology MCP1726 Datasheet HTML 12Page - Microchip Technology MCP1726 Datasheet HTML 13Page - Microchip Technology MCP1726 Datasheet HTML 14Page - Microchip Technology MCP1726 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
© 2005 Microchip Technology Inc.
DS21936B-page 11
MCP1726
NOTE: Unless otherwise indicated, VIN = VOUT + 0.5V, IOUT = 1 mA and TA = +25°C.
FIGURE 2-25:
Power Supply Ripple
Rejection (PSRR) vs. Frequency (VOUT = 2.5V
Fixed).
FIGURE 2-26:
Power Supply Ripple
Rejection (PSRR) vs. Frequency (VOUT = 2.5V
Fixed).
FIGURE 2-27:
2.5V (Adj.) Startup from VIN.
FIGURE 2-28:
2.5V (Adj.) Startup from
Shutdown.
FIGURE 2-29:
Power Good (PWRGD)
Timing with CBYPASS of 1000 pF.
FIGURE 2-30:
Power Good (PWRGD)
Timing with CBYPASS of 0.01 µF.
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
Frequency (kHz)
COUT =10 µF
CIN = 0 µF
IOUT = 100 mA
VOUT = 2.5V
VIN = 3.3V
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
Frequency (kHz)
COUT =22 µF
CIN = 0 µF
IOUT = 100 mA
VOUT = 2.5V
VIN = 3.3V
VOUT
VIN
PWRGD
VOUT
SHDN
PWRGD
VOUT
PWRGD
VIN
VOUT
VIN
PWRGD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com