Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C987JC Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM79C987JC
Description  Hardware Implemented Management Information Base (HIMIB) Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C987JC Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM79C987JC Datasheet HTML 14Page - Advanced Micro Devices AM79C987JC Datasheet HTML 15Page - Advanced Micro Devices AM79C987JC Datasheet HTML 16Page - Advanced Micro Devices AM79C987JC Datasheet HTML 17Page - Advanced Micro Devices AM79C987JC Datasheet HTML 18Page - Advanced Micro Devices AM79C987JC Datasheet HTML 19Page - Advanced Micro Devices AM79C987JC Datasheet HTML 20Page - Advanced Micro Devices AM79C987JC Datasheet HTML 21Page - Advanced Micro Devices AM79C987JC Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
AMD
P R E L I M I N A R Y
18
Am79C987
Frames Too Long
P[4:0] = 16–23, 31, R[4:0] = 4
Byte 0
Byte 1
Byte 2
Byte 3
bit 7
bit 31
bit 0
bit 24
MSB
LSB
D Port Read
“Frames Too Long” is a read-only attribute that counts
the number of frames that exceed the maximum valid
packet length of 1518 bytes. This attribute is a 32-bit
counter with a minimum rollover time of 61 days.
Short Events
P[4:0] = 16–23, 31, R[4:0] = 5
Byte 0
Byte 1
Byte 2
Byte 3
bit 7
bit 31
bit 0
bit 24
MSB
LSB
D Port Read
“Short Events” is a read-only attribute that counts the
number of instances where activity is detected with a du-
ration less than the “ShortEventMaxTime” (74–82-bit
times). This attribute is a 32-bit counter with a minimum
rollover time of 16 hours.
Runts
P[4:0] = 16–23, 31, R[4:0] = 6
Byte 0
Byte 1
Byte 2
Byte 3
bit 7
bit 31
bit 0
bit 24
MSB
LSB
D Port Read
“Runts” is a read-only attribute that counts the number of
instances where activity is detected with a duration
greater than the “ShortEventMaxTime” (74–82-bit
times), but less than the minimum valid frame time
(512-bit times, or 64 bytes). This attribute is a 32-bit
counter with a minimum rollover time of 16 hours.
Note: Runts usually indicate collision fragments, a nor-
mal network event. In certain situation associated with
large diameter networks a percentage of runts may ex-
ceed ValidPacketMinTime.
Collisions
P[4:0] = 16–23, 31, R[4:0] = 7
Byte 0
Byte 1
Byte 2
Byte 3
bit 7
bit 31
bit 0
bit 24
MSB
LSB
D Port Read
“Collisions” is a read-only attribute that counts the num-
ber of instances where a carrier is detected on the port,
and a collision is detected. This attribute is a 32-bit
counter with a minimum rollover time of 16 hours.
Late Events
P[4:0] = 16–23, 31, R[4:0] = 8
Byte 0
Byte 1
Byte 2
Byte 3
bit 7
bit 31
bit 0
bit 24
MSB
LSB
D Port Read
“Late Events” is a read-only attribute that counts the
number of instances where a collision is detected after
the LateEventThreshold (480–565-bit times) in the
frame. This event will be counted both by the “Late
Events” attribute, as well as the “Collisions” attribute.
This attribute is a 32-bit counter with a minimum rollover
time of 81 hours.
Very Long Events
P[4:0] = 16–23, 31, R[4:0] = 9
Byte 0
Byte 1
Byte 2
Byte 3
bit 7
bit 31
bit 0
bit 24
MSB
LSB
D Port Read
“Very Long Events” is a read-only attribute that counts
the number of times the transmitter is active in excess of
the MAU Jabber Lockup Protection (MJLP) Timer (4 ms
– 7.5 ms). This attribute is a 32-bit counter with a mini-
mum rollover time of 198 days.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com