Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C987JC Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM79C987JC
Description  Hardware Implemented Management Information Base (HIMIB) Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C987JC Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM79C987JC Datasheet HTML 10Page - Advanced Micro Devices AM79C987JC Datasheet HTML 11Page - Advanced Micro Devices AM79C987JC Datasheet HTML 12Page - Advanced Micro Devices AM79C987JC Datasheet HTML 13Page - Advanced Micro Devices AM79C987JC Datasheet HTML 14Page - Advanced Micro Devices AM79C987JC Datasheet HTML 15Page - Advanced Micro Devices AM79C987JC Datasheet HTML 16Page - Advanced Micro Devices AM79C987JC Datasheet HTML 17Page - Advanced Micro Devices AM79C987JC Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
AMD
P R E L I M I N A R Y
14
Am79C987
If a Get command is written to this register accidentally,
the IMR+ device output will be retained in the Get regis-
ter, however, the management Interface Error bit will be
set in the Status Register. Writing to this register prior to
execution (transfer) of the last command (Get or Set)
causes the processor to be placed into the wait state.
IMR+ Management Port Get Register (G)
P[4:0] = 0, R[4:0] = 31
D Port Read/Write
MSB
LSB
D6
D7
D5
D4
D3
D2
D1
D0
This is a read/write register. This register is used to
transfer a Get command to the IMR+ device. This is per-
formed by serializing and transferring the command
placed into this register to the IMR+ device following the
end of the processor write cycle that writes the Get com-
mand. The byte returned by the IMR+ chip is then
placed in this register, overwriting its previous content.
The microprocessor can read the byte result of the Get
operation once the information has been transferred to
the HIMIB device. If the read operation is started prior to
completion of this transfer the HIMIB device will hold the
RDY line inactive until the transfer is complete. In most
applications this will insert wait states into the processor
read cycle.
If a Set command is written to this register accidentally,
the IMR+ device will receive the Set command. How-
ever, the management Interface Error bit will be set in
the Status Register.
Note that reading the IMR+ Twisted Pair Bit Rate Error
Status Registers using the Get command may affect ac-
curacy of the Bit Rate Error attribute.
Port Status Registers
These registers are accessed by writing the bit pattern
0000 0001 to the C port, i.e., P[4:0] = 1. These registers
are read only and are cleared to 0 upon reading.
TP and AUI Partition Status Change
Any port changing state from the partitioned to the re-
connected state, or vice versa, causes the appropriate
bit to be set to 1, in one of these two registers.
TP Ports
P[4:0] = 1, R[4:0] = 0
The format for the TP ports is:
D Port Read
MSB
LSB
T6
T7
T5
T4
T3
T2
T1
T0
AUI Port
P[4:0] = 1, R[4:0] = 1
For the AUI port, only the most significant bit is used.
Bits denoted as X are undefined.
D Port Read
MSB
LSB
X
A
X
X
X
X
X
X
TP Link Status Change
P[4:0] = 1, R[4:0] = 2
A change in the Link Test state of a TP port (from Link
Fail to Link Pass or vice versa), causes the appropriate
bit to be set to 1 in this register:
D Port Read
MSB
LSB
T6
T7
T5
T4
T3
T2
T1
T0
AUI Loop Back Error
P[4:0] = 1, R[4:0] = 3
This register is not valid for the IMR device
(Am79C980). When the HIMIB chip is interfaced with
the IMR+ device (Am79C981), the most significant bit
(A) is set to 1 if the AUI port is connected to a MAU which
does not loopback data from DO to DI during transmis-
sion. For the error to be detected, the network needs to
be active and a packet transmitted from the AUI port.
Bits denoted as X are undefined.
D Port Read
MSB
LSB
X
A
X
X
X
X
X
X
Note that if the DO to DI loopback path is not opera-
tional, this bit will be set again when the next packet is
transmitted via the AUI port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com