Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C987JC Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM79C987JC
Description  Hardware Implemented Management Information Base (HIMIB) Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C987JC Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM79C987JC Datasheet HTML 1Page - Advanced Micro Devices AM79C987JC Datasheet HTML 2Page - Advanced Micro Devices AM79C987JC Datasheet HTML 3Page - Advanced Micro Devices AM79C987JC Datasheet HTML 4Page - Advanced Micro Devices AM79C987JC Datasheet HTML 5Page - Advanced Micro Devices AM79C987JC Datasheet HTML 6Page - Advanced Micro Devices AM79C987JC Datasheet HTML 7Page - Advanced Micro Devices AM79C987JC Datasheet HTML 8Page - Advanced Micro Devices AM79C987JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Am79C987
5
PRELIMINARY
PIN DESCRIPTION
CK
Clock
Input
CK is the master 20 MHz clock. The IMR+ device X
1 pin
must also be clocked with the identical clock signal.
RST
Reset
Input, Active LOW
Driving this pin LOW resets the internal logic of the
HIMIB. The HIMIB device must be reset with the identi-
cal synchronous RST signal of the IMR+ device.
Note: None of the 32-bit and 48-bit attributes are
cleared upon reset.
SI
Serial Input (to the IMR+ chip)
Output
The SI pin is used to output management port
commands to the IMR+ device. This pin should be con-
nected to the SI pin of the IMR+ chip.
SO
Serial Output (from the IMR+ chip)
Input
The SO pin is used to receive management port infor-
mation from the IMR+ device. This pin should be
connected to the SO pin of the IMR+ chip.
SCLK
Serial Clock
Output
10 MHz clock used to drive the IMR+ management port
serial clock (SCLK).
CRS
Carrier Sense
Input
The CRS pin should be connected to the CRS pin of
the IMR+ device. States of the internal carrier sense
signals of the IMR+ AUI and twisted-pair ports are se-
rially input on this pin continuously.
STR
Store
Output, High Impedance
This pin should be connected to the STR pin of the
IMR+ chip. This pin is an output when the HIMIB device
is interfaced to an IMR+ device; otherwise it remains in
high-impedance state.
ACK
Acknowledge
Input, Active LOW
When this input is asserted, it indicates that data on the
DAT and JAM inputs are valid.
COL
Expansion Collision
Input, Active LOW
When this input is asserted, it indicates that there is a
transmit collision because more than one IMR+ device
is active (requesting access to the expansion port).
DAT
Expansion Port Data
Input
When ACK is asserted and JAM is LOW, the expansion
port data consists of the NRZ received data. When
ACK is not asserted, the state of DAT is ignored.
JAM
Jam
Input
When ACK is asserted and JAM is HIGH, an active
IMR+ device is in a collision state. When JAM is as-
serted, the state of DAT will indicate either a multiport
(DAT = 0) or single-port (DAT = 1) collision condition.
When ACK is not asserted, the state of JAM is ignored.
D7–0
Data
Input/Output, 3-State
Data Input/Output pins. These pins are in high-
impedance state if the HIMIB device is not selected.
C/D
Command/Data
Input
This input pin allows selection of either the Command
or Data port in the HIMIB device. When this signal is
HIGH, the Command port is selected and, when it is
LOW, the Data port is selected. This pin is typically con-
nected to the least significant bit of the address bus.
WR
Write Strobe
Input, Active LOW
When this pin is asserted and the CS is active, a write
operation is initiated.
RD
Read Strobe
Input, Active LOW
When this pin is asserted and the CS is active, a read
operation is initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com