Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C987JC Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AM79C987JC
Description  Hardware Implemented Management Information Base (HIMIB) Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C987JC Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AM79C987JC Datasheet HTML 15Page - Advanced Micro Devices AM79C987JC Datasheet HTML 16Page - Advanced Micro Devices AM79C987JC Datasheet HTML 17Page - Advanced Micro Devices AM79C987JC Datasheet HTML 18Page - Advanced Micro Devices AM79C987JC Datasheet HTML 19Page - Advanced Micro Devices AM79C987JC Datasheet HTML 20Page - Advanced Micro Devices AM79C987JC Datasheet HTML 21Page - Advanced Micro Devices AM79C987JC Datasheet HTML 22Page - Advanced Micro Devices AM79C987JC Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
AMD
P R E L I M I N A R Y
19
Am79C987
Data Rate Mismatches
P[4:0] = 16–23, 31, R[4:0] = 10
Byte 0
Byte 1
Byte 2
Byte 3
bit 7
bit 31
bit 0
bit 24
MSB
LSB
D Port Read
“Data Rate Mismatches” is a read-only attribute that
counts the number of occurrences where the frequency,
or data rate of the incoming signal is detectably different
from the local transmit frequency. The attribute is a
32-bit counter that is incremented on each such event.
Note that the rate at which the “Data Rate Mismatches”
attribute will increment, will depend on the magnitude of
the difference between the received signal clock and the
local transmit frequency.
Auto Partitions
P[4:0] = 16–23, 31, R[4:0] = 11
Byte 0
Byte 1
Byte 2
Byte 3
bit 7
bit 31
bit 0
bit 24
MSB
LSB
D Port Read
“Auto Partitions” is a read-only attribute that counts the
number of instances where the repeater has partitioned
this port from the network. This attribute is a 32-bit
counter that is incremented on each such event. The ap-
proximate minimum time between counter roll-overs is
20 days.
Source Address Changes
P[4:0] = 16–23, 31, R[4:0] = 12
Byte 0
Byte 1
Byte 2
Byte 3
bit 7
bit 31
bit 0
bit 24
MSB
LSB
D Port Read
“Source Address Changes” is a read-only attribute that
counts the number of times the Source Address field of
valid frames received on a port changes. This attribute is
a 32-bit counter with a minimum rollover of 81 hours.
Note: This may indicate whether a port is connected to
a single DTE or another multi-user segment.
Last Source Address (LSA)
P[4:0] = 16–23, 31, R[4:0] = 14
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
bit 7
bit 31
bit 0
bit 24
MSB
LSB
D Port Read/Write
“Last Source Address” is a read/write attribute that
saves the value of the Source Address field of the last
valid frame it received. This attribute is a 6-byte field.
This 6-byte register may be read or written. This feature
allows the software to preset this attribute to the known
Node ID, for a single node segment. A change in the
contents of this register would then signal an anomaly.
This will cause the Source Address Changes attribute to
increment. Furthermore, setting the respective TP/AUI
Port Source Address Change Interrupt Enable bit (in the
Port Control Registers), can be used to generate a hard-
ware interrupt to signal the software to automatically
disable this port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com