Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C987JC Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C987JC
Description  Hardware Implemented Management Information Base (HIMIB) Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C987JC Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C987JC Datasheet HTML 1Page - Advanced Micro Devices AM79C987JC Datasheet HTML 2Page - Advanced Micro Devices AM79C987JC Datasheet HTML 3Page - Advanced Micro Devices AM79C987JC Datasheet HTML 4Page - Advanced Micro Devices AM79C987JC Datasheet HTML 5Page - Advanced Micro Devices AM79C987JC Datasheet HTML 6Page - Advanced Micro Devices AM79C987JC Datasheet HTML 7Page - Advanced Micro Devices AM79C987JC Datasheet HTML 8Page - Advanced Micro Devices AM79C987JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The
information is intended to help you evaluate this product. AMD reserves the right to change or discontinue
work on this proposed product without notice.
Publication# 17305
Rev: B Amendment/0
Issue Date: May 1994
1
Am79C987
Hardware Implemented Management Information Base™
(HIMIB™) Device
DISTINCTIVE CHARACTERISTICS
s Provides repeater management functions,
complying with all options detailed in the layer
management for 10 Mbyte/s Baseband
Repeaters (IEEE 802.3k) standard
s Fully compatible with the Novell Hub
Management Interface (HMI) specification
s Provides additional IEEE MAU management
functions (802.3p draft)
s Interfaces directly with AMD’s Am79C981
Integrated Multiport Repeater Plus™ (IMR+™)
device to build a fully managed repeater
s Multiple HIMIB/IMR+ devices can be used in a
system
s 8-bit microprocessor interface allows attribute
access, interrupt control, and management
control
s Maskable interrupts for notification of status/
error reporting
s Internal “receive only” MAC tracks all address
information and monitors exception conditions
s Supports mapping of node source addresses to
port numbers, through implementing source
address match function
s Full 32-bit hardware-implemented counters
incur no additional software overhead to keep
network statistics
s Pinout allows simple board layout between
IMR+ and HIMIB devices
s 28-pin PLCC device in CMOS technology for low
power with a single +5 V supply
GENERAL DESCRIPTION
The Am79C987 Hardware Implemented Management
Information Base (HIMIB) device is a highly integrated
chip that simplifies building fully managed multiport re-
peaters. The device integrates all the necessary
counters, attributes, actions, and notifications specified
by the Layer Management for 10 Mbyte/s Baseband
Repeaters (IEEE 802.3k) standard, as well as addi-
tional features and enhancements, including functions
specific to 10BASE-T repeaters.
The HIMIB chip is designed to be used in conjunction
with AMD’s Integrated Multiport Repeater Plus (IMR+)
device. When connected to an IMR+ (Am79C981)
device, the HIMIB chip provides complete repeater and
per-port statistics on demand from an 8-bit parallel in-
terface. No external processor is required to keep track
of attributes locally, as full 32-bit counters are provided.
The HIMIB device implements a simple 8-bit micropro-
cessor interface, allowing multiple HIMIB devices to be
used in a system. No additional logic is required for in-
terfacing the HIMIB device to the IMR+ device.
The HIMIB chip is packaged in a 28-pin plastic leaded
chip carrier (PLCC). The device is fabricated in CMOS
technology and requires a single +5 V supply.


Similar Part No. - AM79C987JC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C98 AMD-AM79C98 Datasheet
213Kb / 22P
Twisted-Pair Ethernet Transceiver (TPEX)
logo
Pulse A Technitrol Comp...
AM79C98 PULSE-AM79C98 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C981 AMD-AM79C981 Datasheet
347Kb / 40P
Integrated Multiport Repeater Plus??(IMR??
logo
Pulse A Technitrol Comp...
AM79C981 PULSE-AM79C981 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C981JC AMD-AM79C981JC Datasheet
347Kb / 40P
Integrated Multiport Repeater Plus??(IMR??
More results

Similar Description - AM79C987JC

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM73487 PMC-PM73487 Datasheet
3Mb / 251P
622 Mbps ATM Traffic Management Device
logo
Micrel Semiconductor
MIC502 MICREL-MIC502 Datasheet
130Kb / 11P
Fan Management IC Advance Information
logo
National Semiconductor ...
LM93 NSC-LM93 Datasheet
654Kb / 92P
Hardware Monitor with Integrated Fan Control for Server Management
logo
STMicroelectronics
L5961 STMICROELECTRONICS-L5961_08 Datasheet
161Kb / 7P
MOST power management device (PMD)
21-Jan-2008
logo
Maxim Integrated Produc...
MAX8939 MAXIM-MAX8939 Datasheet
2Mb / 43P
System Power Management for Mobile Handset Hardware Input Enable
Rev 0; 5/11
logo
Texas Instruments
DP83856B TI1-DP83856B Datasheet
430Kb / 30P
DP83856B 100Mb/s Repeater Information Base
TWL92230 TI1-TWL92230 Datasheet
1Mb / 141P
ENERGY MANAGEMENT DEVICE COMPANION DEVICE FOR OMAP24xx
logo
Richtek Technology Corp...
RT9941 RICHTEK-RT9941 Datasheet
711Kb / 33P
Power Management ICs for Handheld Device
RT9945 RICHTEK-RT9945 Datasheet
686Kb / 33P
Power Management ICs for Handheld Device
logo
PMC-Sierra, Inc
PM73487-1 PMC-PM73487-1 Datasheet
45Kb / 2P
622 MBPS ATM Traffic Management Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com