Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C987JC Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM79C987JC
Description  Hardware Implemented Management Information Base (HIMIB) Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C987JC Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM79C987JC Datasheet HTML 17Page - Advanced Micro Devices AM79C987JC Datasheet HTML 18Page - Advanced Micro Devices AM79C987JC Datasheet HTML 19Page - Advanced Micro Devices AM79C987JC Datasheet HTML 20Page - Advanced Micro Devices AM79C987JC Datasheet HTML 21Page - Advanced Micro Devices AM79C987JC Datasheet HTML 22Page - Advanced Micro Devices AM79C987JC Datasheet HTML 23Page - Advanced Micro Devices AM79C987JC Datasheet HTML 24Page - Advanced Micro Devices AM79C987JC Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
AMD
P R E L I M I N A R Y
21
Am79C987
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
–65
°C to +150°C
. . . . . . . . . . .
Ambient Temperature
Under Bias
0
°C to +70°C
. . . . . . . . . . . . . . . . . . . . . .
Supply Voltage
–0.3 V to +6.0 V
. . . . . . . . . . . . . . . .
Stresses above those listed under Absolute Maximum Rat-
ings may cause permanent device failure. Functionality at or
above these limits is not implied. Exposure to absolute maxi-
mum ratings for extended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Case Temperature (TA)
0
°C to +70°C
. . . . . . . . . . . .
Supply Voltages (VDD)
5 V
± 5%
. . . . . . . . . . . . . . . . .
All Inputs Within
the Range
VDD + 0.5 V
≤ VIN ≤ VSS –0.5 V
. . . . . . . . . .
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
DC CHARACTERISTICS
Symbol
Parameter Description
Test Condition
Min
Max
Unit
VIL
Input LOW Voltage
VSS = 0.0 V
–0.5
0.8
V
VIH
Input HIGH Voltage
2.0
0.5 +VDD
V
VOL
Output LOW Voltage
IOL = 4.0 mA
0.4
V
VOH
Output High Voltage
IOH = –0.4 mA
2.4
V
VOLOD
Open Drain Output Low Voltage
IOLOD = 12 mA
0.4
V
IIL
Input Leakage Current
0 < VIN and VIN < VDD +0.5 V
10
µA
VILX
CK Input LOW Voltage
VSS = 0.0 V
–0.5
1.0
V
VIHX
CK Input HIGH Voltage
VSS = 0.0 V
3.8
0.5 +VDD
V
IILX
CK Input LOW Current
VIN = VSS
10
µA
IIHX
CK Input HIGH Current
VIN = VDD
10
µA
IDD
Power Supply Current
fCK = 20 MHz
40
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com