Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C987JC Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM79C987JC
Description  Hardware Implemented Management Information Base (HIMIB) Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C987JC Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM79C987JC Datasheet HTML 11Page - Advanced Micro Devices AM79C987JC Datasheet HTML 12Page - Advanced Micro Devices AM79C987JC Datasheet HTML 13Page - Advanced Micro Devices AM79C987JC Datasheet HTML 14Page - Advanced Micro Devices AM79C987JC Datasheet HTML 15Page - Advanced Micro Devices AM79C987JC Datasheet HTML 16Page - Advanced Micro Devices AM79C987JC Datasheet HTML 17Page - Advanced Micro Devices AM79C987JC Datasheet HTML 18Page - Advanced Micro Devices AM79C987JC Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
AMD
P R E L I M I N A R Y
15
Am79C987
AUI SQE Test Error
P[4:0] = 1, R[4:0] = 5
This register is not valid for the IMR device
(Am79C980). When the HIMIB device is interfaced with
the IMR+ chip (Am79C981), this bit is set to 1 if the AUI
port is connected to a MAU with SQE Test enabled. For
the error to be detected, the network needs to be active
and a packet transmitted from the AUI port. Bits denoted
as X are undefined.
D Port Read
MSB
LSB
X
A
X
X
X
X
X
X
Note that if the error persists, once read, this bit will be
set again when the next packet is transmitted via the AUI
port.
TP and AUI Port Source Address Change Status
A change in the source address of a valid received
frame from any port causes the appropriate bit to be set
in these registers. The source address assigned to any
port after power up is indeterminate, and the first packet
received from any port will cause the SA changed status
bit for that port to be set.
TP Ports
P[4:0] = 1, R[4:0] = 6
TP Ports Source Address Changed Status:
D Port Read
MSB
LSB
T6
T7
T5
T4
T3
T2
T1
T0
AUI Port
P[4:0] = 1, R[4:0] = 7
AUI Port Source Address Changed Status:
D Port Read
MSB
LSB
X
A
X
X
X
X
X
X
Note: The Last Source Address attribute is program-
mable and can be used to store the expected Node ID
for this port. If the appropriate interrupt is also enabled,
then a change in the source address can be used to alert
the network manager of an unauthorized access. This is
particularly useful for segments that are supposed to be
connected to a single station.
TP and AUI Port Source Address Match Status
When the source address of the received packet from
any port matches that programmed into the Source Ad-
dress Match Register (in the Repeater Registers), then
the appropriate bit will be set in the following registers:
TP Ports
P[4:0] = 1, R[4:0] = 8
D Port Read
MSB
LSB
T6
T7
T5
T4
T3
T2
T1
T0
AUI Port
P[4:0] = 1, R[4:0] = 9
D Port Read
MSB
LSB
X
A
X
X
X
X
X
X
Note: This function is useful for mapping an individual
Node ID to a specific port on the repeater.
Port Control Registers
These registers are accessed by writing the bit pattern
0000 0010 to the C port, i.e., P[4:0] = 2. All are read/write
registers. A set (1) control bit enables an interrupt or
function for the corresponding port. All control registers
are cleared upon reset.
TP and AUI Partition Status Change Interrupt
Enable
These two registers are used to enable or mask inter-
rupts caused by a change in the port partitioning status.
All interrupts are disabled and all status bits are cleared
upon hardware reset. Note that disabling an active inter-
rupt source causes the
INT output to be placed into an
inactive state.
TP Ports
P[4:0] = 2, R[4:0] = 0
D Port Read/Write
MSB
LSB
T6
T7
T5
T4
T3
T2
T1
T0
AUI Port
P[4:0] = 2, R[4:0] = 1
D Port Read/Write
MSB
LSB
X
A
X
X
X
X
X
X
The AUI port only uses the most significant bit (A) and all
other bits are reserved. Software should be designed to
write 0s into unused bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com