Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C987JC Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM79C987JC
Description  Hardware Implemented Management Information Base (HIMIB) Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C987JC Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM79C987JC Datasheet HTML 18Page - Advanced Micro Devices AM79C987JC Datasheet HTML 19Page - Advanced Micro Devices AM79C987JC Datasheet HTML 20Page - Advanced Micro Devices AM79C987JC Datasheet HTML 21Page - Advanced Micro Devices AM79C987JC Datasheet HTML 22Page - Advanced Micro Devices AM79C987JC Datasheet HTML 23Page - Advanced Micro Devices AM79C987JC Datasheet HTML 24Page - Advanced Micro Devices AM79C987JC Datasheet HTML 25Page - Advanced Micro Devices AM79C987JC Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
AMD
P R E L I M I N A R Y
22
Am79C987
SWITCHING CHARACTERISTICS
Clock and Reset Timing
Symbol
Description
Test Condition
Min
Max
Unit
tCK
Clock Period
49.995
50.005
ns
tCKH
Clock High
20
30
ns
tCKL
Clock Low
20
30
ns
tCKR
Clock Rise Time
10
ns
tCKF
Clock Fall Time
10
ns
tRST
Reset Pulse Width
(Note 1)
4
us
tRSTS
Reset Input Setup Time with Respect to CK
(Note 1)
15
ns
tRSTH
Reset Input Hold Time with Respect to CK
(Note 1)
0
ns
Expansion Port
Symbol
Description
Test Condition
Min
Max
Unit
tDJSET
DAT/JAM Setup Time
10
ns
tDJHOLD
DAT/JAM Hold Time
9
ns
tCASET
COL/ACK Setup Time
5
ns
tCAHLD
COL/ACK Hold Time
9
ns
Management Port
Symbol
Description
Test Condition
Min
Max
Unit
tSCKD
SCLK Clock Delay with Respect to CK
9
45
ns
tSCKR
SCLK Rise Time with Respect to CK
CL = 50 pF
10
ns
tSCKF
SCLK Fall Time with Respect to CK
CL = 50 pF
10
ns
tSOS
SO Input Setup Time with
10
ns
Respect to CK Rising Edge
tSOH
SO Input Hold Time with
9
ns
Respect to CK Rising Edge
tSID
SI Output Delay with
CL = 50 pF
9
45
ns
Respect to CK Rising Edge
Port Activity Monitor
Symbol
Description
Test Condition
Min
Max
Unit
tCRSTS
CRS Setup Time with
10
ns
Respect to CK Rising Edge
tCRSTH
CRS Hold Time with Respect
5
ns
to CK Rising Edge
Note:
1. See IMR+ data sheet for reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com