Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C987JC Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM79C987JC
Description  Hardware Implemented Management Information Base (HIMIB) Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C987JC Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM79C987JC Datasheet HTML 5Page - Advanced Micro Devices AM79C987JC Datasheet HTML 6Page - Advanced Micro Devices AM79C987JC Datasheet HTML 7Page - Advanced Micro Devices AM79C987JC Datasheet HTML 8Page - Advanced Micro Devices AM79C987JC Datasheet HTML 9Page - Advanced Micro Devices AM79C987JC Datasheet HTML 10Page - Advanced Micro Devices AM79C987JC Datasheet HTML 11Page - Advanced Micro Devices AM79C987JC Datasheet HTML 12Page - Advanced Micro Devices AM79C987JC Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
AMD
P R E L I M I N A R Y
9
Am79C987
Port (P) Register
Register (R) Register
Command (C) Port
Data (D) Port
C/
D = 1
Bank 0
Bank 1
Register
Register
0
31
0
31
0
31
Register
Bank 31
Port (or Bank)
Pointer
Register (or Attribute)
Pointer
000XXXXX
111XXXXX
C/
D = 0
17305B-4
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
.
Figure 1. Overview of HIMIB Register Definition
An exception to the normal Command/Data Port access
scheme, is the Status Register which is read directly by
reading only the C Port. This allows the Status Register
to be read directly, without the need to write to the
C Port.
Register Definition
In the following description, all bit fields are ordered
such that the left most bit is the most significant bit. Un-
used Port and Register Numbers are reserved and
should not be accessed as this may cause device mal-
function.
When specifying the Port or Bank Number, the following
command byte is written to the C Port:
C Port Write
MSB
LSB
0
0
0
P4
P3
P2
P1
P0
P[4:0] represent the Register Bank or Port Number.
These are organized as follows:
P = [P4P3P2P1P0]
Note that to access the P register the three most signifi-
cant bits of this byte must be zero.
P [4:0]
Port/Register Bank
0
Repeater Registers
1
Port Status Registers
2
Port Control Registers
16 – 23
Twisted Pair Ports Attributes
31
AUI Port Attributes
When specifying the Register or Attribute to be ac-
cessed, the following command byte is written to the
C Port.
C Port Write
MSB
LSB
1
1
1
R4
R3
R2
R1
R0
R = [R4R3R2R1R0]
Note that to access the R register the three most signifi-
cant bits of this byte must be one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com