Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C987JC Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM79C987JC
Description  Hardware Implemented Management Information Base (HIMIB) Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C987JC Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM79C987JC Datasheet HTML 19Page - Advanced Micro Devices AM79C987JC Datasheet HTML 20Page - Advanced Micro Devices AM79C987JC Datasheet HTML 21Page - Advanced Micro Devices AM79C987JC Datasheet HTML 22Page - Advanced Micro Devices AM79C987JC Datasheet HTML 23Page - Advanced Micro Devices AM79C987JC Datasheet HTML 24Page - Advanced Micro Devices AM79C987JC Datasheet HTML 25Page - Advanced Micro Devices AM79C987JC Datasheet HTML 26Page - Advanced Micro Devices AM79C987JC Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
AMD
P R E L I M I N A R Y
23
Am79C987
SWITCHING CHARACTERISTICS (continued)
Microprocessor Interface (MPI)
Symbol
Description
Test Condition
Min
Max
Unit
tCDS
C/
D Setup Time with
10
ns
Respect to
RD/WR Falling Edge
tCDH
C/
D Hold Time with
0
ns
Respect to
RD/WR Rising Edge
tCSS
CS Setup Time with Respect to
10
ns
RD/WR Falling Edge
tCSH
CS Hold Time with Respect to
0
ns
RD/WR Rising Edge
tREST
Rest Period between MPI Operations
150
ns
(Time between the Earliest
CS/RD/WR
Going HIGH to the Next
CS/RD/WR
Going LOW, whichever is the Latest)
tRDYD
RDY Leading Edge Delay
CL = 100 pF
25
ns
tRDYH
RDY High to
RD/WR
↑
0
ns
tDOUT
Data Out Valid to RDY High
CL = 100 pF
50
ns
tDOHLD
Data Out Hold after
RD High
CL = 100 pF
10
45
ns
tDISET
Data In Setup Time with
25
ns
Respect to
WR Rising Edge
tDIHLD
Data in Hold after
WR High
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com