Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C987JC Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM79C987JC
Description  Hardware Implemented Management Information Base (HIMIB) Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C987JC Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM79C987JC Datasheet HTML 2Page - Advanced Micro Devices AM79C987JC Datasheet HTML 3Page - Advanced Micro Devices AM79C987JC Datasheet HTML 4Page - Advanced Micro Devices AM79C987JC Datasheet HTML 5Page - Advanced Micro Devices AM79C987JC Datasheet HTML 6Page - Advanced Micro Devices AM79C987JC Datasheet HTML 7Page - Advanced Micro Devices AM79C987JC Datasheet HTML 8Page - Advanced Micro Devices AM79C987JC Datasheet HTML 9Page - Advanced Micro Devices AM79C987JC Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
Am79C987
PRELIMINARY
CS
Chip Select
Input, Active LOW
The chip-select input, when asserted, enables a read
from or a write to the 8-bit parallel port of the HIMIB
device.
RDY
Ready
Output, Open Drain
Ready is driven LOW at the start of every read or write
cycle and is released when the HIMIB device is ready
to complete the transaction.
INT
Interrupt
Output, Active LOW, Open Drain
Interrupt is driven LOW when any of the unmasked
(enabled) interrupts occur.
V
DD
Power
This pin supplies +5 V to the device. Connect to DV
DD
of the IMR+ device.
V
SS
Ground
These two pins are the 0 V reference for the device.
Connect to DV
SS of the IMR+ device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com