Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C987JC Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM79C987JC
Description  Hardware Implemented Management Information Base (HIMIB) Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C987JC Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM79C987JC Datasheet HTML 3Page - Advanced Micro Devices AM79C987JC Datasheet HTML 4Page - Advanced Micro Devices AM79C987JC Datasheet HTML 5Page - Advanced Micro Devices AM79C987JC Datasheet HTML 6Page - Advanced Micro Devices AM79C987JC Datasheet HTML 7Page - Advanced Micro Devices AM79C987JC Datasheet HTML 8Page - Advanced Micro Devices AM79C987JC Datasheet HTML 9Page - Advanced Micro Devices AM79C987JC Datasheet HTML 10Page - Advanced Micro Devices AM79C987JC Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
AMD
P R E L I M I N A R Y
7
Am79C987
FUNCTIONAL DESCRIPTION
Overview
The functional specification of the HIMIB device is a su-
perset of that defined by the Layer Management for
10 Mbyte/s
Baseband
Repeaters
Standard
(IEEE802.3k), commonly referred to as the “Repeater
Management Standard.” The HIMIB chip contains the
complete set of repeater and port functions as defined in
the standard. All mandatory and optional capabilities
are supported. These are defined as the Basic Control,
Performance Monitor and Address Tracking Capabili-
ties. In addition, node address mapping and MAU man-
agement specific functions are implemented.
The HIMIB device keeps track of the IEEE 802.3k speci-
fied attributes by extracting data from the expansion
port, management port, and port activity monitor (PAM)
port of the IMR+ device. All attribute counts are held in
32 bit registers, as specified in the Repeater Manage-
ment Standard. For more detailed information, refer to
the IEEE 802.3 Layer Management for 10 Mbyte/s
Baseband Repeaters Standard and AMD’s IEEE 802.3
Repeater Technical Manual (PID #17314A).
The HIMIB chip supports the following Repeater Man-
agement functions:
Repeater Attributes:
Transmit Collisions – 32-bit counter
Total Octets – 32-bit counter
Port Attributes:
Auto Partition State – from IMR+ chip
Readable Frames – 32-bit counter
Readable Octets – 32-bit counter
Frame Check Sequence Errors – 32-bit counter
Alignment Errors – 32-bit counter
Frames Too Long – 32-bit counter
Short Events – 32-bit counter
Runts – 32-bit counter
Collisions – 32-bit counter
Late Events – 32-bit counter
Very Long Events – 32-bit counter
Data Rate Mismatches – 32-bit counter
Auto Partitions – 32-bit counter
Source Address Changes – 32-bit counter
Last Source Address – 48-bit register
Node ID to Port Address Map:
Source Address Match Register (48-bit register)
Port Actions:
Port Admin Control (Enable / Disable).
Note: The HIMIB device executes this action by direct
access to the IMR+ device Management Port.
Individually maskable Interrupts are available for the fol-
lowing events:
Change in the Port Partitioning Status
Change in the Twisted Pair Ports Link Test State
AUI Loop Back Error
AUI SQE Test Error
Source Address Changed
Source Address Match
IMR+ Interface Error
The HIMIB chip provides direct access to the manage-
ment port of the IMR+ device for additional functions in-
cluding twisted pair port automatic receive polarity
detection/correction state and enabling the alternate re-
connection algorithm.
The HIMIB device’s 8-bit microprocessor interface al-
lows access to onboard registers. The interface is de-
signed to be usable with a variety of available
microprocessors and buses.
The HIMIB device can also be used to collect network
statistics from a standard 802.3 MAC device. This mode
is programmed by setting the MAC Interface Mode En-
able bit in the Configuration Register. In this mode the
HIMIB device can be interfaced with any Ethernet con-
troller with a general purpose serial interface (GPSI).
The HIMIB device will record various network events oc-
curring at that node of the network, and assign these
gathered statistics to the AUI port. All TP ports statistics
are invalid in this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com