Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R Datasheet(PDF) 15 Page - Integrated Device Technology

Part # P9225-R
Description  Dual-Mode Wireless Power Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9225-R Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button P9225-R Datasheet HTML 11Page - Integrated Device Technology P9225-R Datasheet HTML 12Page - Integrated Device Technology P9225-R Datasheet HTML 13Page - Integrated Device Technology P9225-R Datasheet HTML 14Page - Integrated Device Technology P9225-R Datasheet HTML 15Page - Integrated Device Technology P9225-R Datasheet HTML 16Page - Integrated Device Technology P9225-R Datasheet HTML 17Page - Integrated Device Technology P9225-R Datasheet HTML 18Page - Integrated Device Technology P9225-R Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
15
November 12, 2018
7. Functional Block Diagram
Figure 15. Functional Block Diagram
LDO
VRECT
SINK
OVP
BST1
AC1
AC2
OUT
VRECT
VOUT
ISNS
TS
ILIM
VOSET
RPPO
RPPG
VTDIE
ADC
MUX
SCL
SDA
VDD5V
LDO
5V
LDO
1.8V
VDD18
GND
UVLO
AC1
RSVx
EN
EN
EN
EN
INT
BST2
COM1
COM2
COMB
COMA
Peak Detector
and LPF
I2C
Slave
Phase Detector
32-bit ARM
Processor
EOC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com