Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R Datasheet(PDF) 17 Page - Integrated Device Technology

Part # P9225-R
Description  Dual-Mode Wireless Power Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9225-R Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button P9225-R Datasheet HTML 13Page - Integrated Device Technology P9225-R Datasheet HTML 14Page - Integrated Device Technology P9225-R Datasheet HTML 15Page - Integrated Device Technology P9225-R Datasheet HTML 16Page - Integrated Device Technology P9225-R Datasheet HTML 17Page - Integrated Device Technology P9225-R Datasheet HTML 18Page - Integrated Device Technology P9225-R Datasheet HTML 19Page - Integrated Device Technology P9225-R Datasheet HTML 20Page - Integrated Device Technology P9225-R Datasheet HTML 21Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
17
November 12, 2018
R34
R33
Output Voltage
10kΩ
10kΩ
5.1V
14.7kΩ
10kΩ
5.2V
20kΩ
10kΩ
5.3V
34kΩ
10kΩ
5.4V
49.9kΩ
10kΩ
5.5V
8.3 SINK Pin
The P9225-R has an internal automatic DC clamping to protect the device in the event of high-voltage transients. The VRECT pin must be
shorted to SINK.
8.4 Rectifier Voltage – VRECT
The P9225-R uses a high
‐efficiencysynchronousrectifiertoconverttheACsignalfromthecoiltoaDCsignalontheVRECTpin.During
startup, the rectifier operates as a passive diode bridge. Once the voltage on VRECT exceeds the under-voltage lock-out (UVLO) level (see
Table 5), the rectifier will switch into full synchronous bridge rectifier mode. A total capacitance of 44µF is recommended to minimize the output
voltage ripple.
8.5 Over-Current Limit – ILIM
The P9225-R has a programmable current-limit function for protecting the device in the event of an over-current or short-circuit fault condition.
When the output current exceeds the programmed threshold, the P9225-R will limit the load current by reducing the output voltage. The current
limit should be set to 120% of the target maximum output current.
Connect the ILIM pin to the center tap of a resistor divider to set the current limit. Table 7 shows the resistor combination values for the resistor
divider for the ILIM setting. The default ILIM is set to 1.2A in the P9225-R Evaluation Board.
Table 7.
Setting the Current Limit
R38
R22
ILIM
10kΩ
47kΩ
0.8A
10kΩ
22kΩ
0.9A
10kΩ
OPEN
1.0A
10kΩ
10kΩ
1.1A
OPEN
10kΩ
1.2A
8.6 Interrupt Function – INT
������
The P9225-R provides an open-drain, active-LOW interrupt output pin. It is asserted LOW when EN is HIGH or any of the following fault
conditions have been triggered: the die temperature exceeds 140°C, the external thermistor measurement exceeds the threshold (see section
8.9), or an over-current (OC) or over-voltage (OV) condition is detected (see sections 8.5 and 8 respectively).
During normal operation, the INT pin is pulled HIGH. This pin can be connected to the interrupt pin of a microcontroller. The fault condition
triggering the interrupt flag is available in the I2C interrupt register (see Table 13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com