Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R Datasheet(PDF) 1 Page - Integrated Device Technology

Part # P9225-R
Description  Dual-Mode Wireless Power Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9225-R Datasheet(HTML) 1 Page - Integrated Device Technology

  P9225-R Datasheet HTML 1Page - Integrated Device Technology P9225-R Datasheet HTML 2Page - Integrated Device Technology P9225-R Datasheet HTML 3Page - Integrated Device Technology P9225-R Datasheet HTML 4Page - Integrated Device Technology P9225-R Datasheet HTML 5Page - Integrated Device Technology P9225-R Datasheet HTML 6Page - Integrated Device Technology P9225-R Datasheet HTML 7Page - Integrated Device Technology P9225-R Datasheet HTML 8Page - Integrated Device Technology P9225-R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Dual-Mode Wireless Power Receiver
for 5W Applications
P9225-R
Datasheet
© 2018 Integrated Device Technology, Inc.
1
November 12, 2018
COM1
VRECT
SINK
OUT
VDD5V
EOC
SCL
INT
SDA
EN
On
AC1
AC2
VOSET
ILIM
RPPO
RPPG
TS
BST2
COM2
COMB
VDD18
GND
LED
VDD18V
Off
BST1
COMA
P9225-R
LS
COUT
CS
Description
The P9225-R is a high-efficiency wireless power receiver (Rx)
capable of operating in both WPC and PMA protocols. Using
magnetic inductive charging technology, the receiver converts an
AC power signal from a resonant tank into a regulated DC output
voltage ranging from 4.5V to 5.5V. The integrated, low RDSON
synchronous rectifier and ultra-low dropout linear (LDO) regulator
offers high efficiency making the product ideally suited for battery-
operated applications.
The P9225-R includes an industry-leading 32-bit ARM®
Cortex®-M0 microprocessor offering a high level of program-
mability. The P9225-R also features a programmable current limit
and a patented over-voltage protection function eliminating the
need for additional capacitors generally used by the receivers
minimizing the external component count and cost. Together with
the P9038-R transmitter (TX), the P9225-R is a complete wireless
power system solution for power applications up to 5W.
The P9225-R is available in a 52-WLCSP package, and it is rated
for 0°C to 85°C ambient operating temperature range.
Typical Applications
Headsets, tablets
Digital cameras
Portable media player
Accessories
Medical
Features
Single-chip solution supporting up to 5W applications
WPC-1.2.4 compliant, PMA SR1 compatible
Patented over-voltage protection clamp eliminating external
capacitors
82% peak DC-to-DC efficiency with P9038-R TX
Fully integrated synchronous rectifier with low RDS(ON)
switches
Programmable output voltage: 4.5V to 5.5V
Embedded 32-bit ARM® Cortex®-M0 processor
Dedicated remote temperature sensing
Programmable current limit
Active-low enable pin for electrical on/off
Active-high End-of-Charge input pin
Open-drain interrupt flag
Support for I2C interface
0°C to +85°C ambient operating temperature range
52-WLCSP (2.64 × 3.94 mm; 0.4mm pitch)
Typical Application Circuit


Similar Part No. - P9225-R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P9225-R RENESAS-P9225-R Datasheet
1Mb / 35P
Dual-Mode Wireless Power Receiver for 5W Applications
November 12, 2018
More results

Similar Description - P9225-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWLC03 STMICROELECTRONICS-STWLC03 Datasheet
469Kb / 5P
Dual mode Qi/PMA wireless power receiver
05-Jun-2015
logo
Integrated Device Techn...
P9027LP-R IDT-P9027LP-R Datasheet
2Mb / 27P
Wireless Power Receiver
P9028AC IDT-P9028AC Datasheet
2Mb / 38P
Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver
logo
Semtech Corporation
TS51223 SEMTECH-TS51223 Datasheet
2Mb / 20P
Wireless Power Receiver
logo
Maxim Integrated Produc...
MAX77950 MAXIM-MAX77950 Datasheet
1Mb / 53P
WPC/PMA Dual Mode Wireless Power Receiver
Rev 0; 3/17
logo
Renesas Technology Corp
P9415-R RENESAS-P9415-R Datasheet
1Mb / 62P
15W Wireless Power Receiver with WattShare™ Mode
May 4, 2021
P9028AC RENESAS-P9028AC Datasheet
2Mb / 39P
Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
Mar 2020
P9225-R RENESAS-P9225-R Datasheet
1Mb / 35P
Dual-Mode Wireless Power Receiver for 5W Applications
November 12, 2018
logo
Silicon Mitus, Inc.
SM5922 SILICONMITUS-SM5922 Datasheet
167Kb / 2P
Wireless Power Receiver
July 2021 Rev. 0.0.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com