Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R Datasheet(PDF) 29 Page - Integrated Device Technology

Part # P9225-R
Description  Dual-Mode Wireless Power Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9225-R Datasheet(HTML) 29 Page - Integrated Device Technology

Back Button P9225-R Datasheet HTML 25Page - Integrated Device Technology P9225-R Datasheet HTML 26Page - Integrated Device Technology P9225-R Datasheet HTML 27Page - Integrated Device Technology P9225-R Datasheet HTML 28Page - Integrated Device Technology P9225-R Datasheet HTML 29Page - Integrated Device Technology P9225-R Datasheet HTML 30Page - Integrated Device Technology P9225-R Datasheet HTML 31Page - Integrated Device Technology P9225-R Datasheet HTML 32Page - Integrated Device Technology P9225-R Datasheet HTML 33Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
29
November 12, 2018
13. Application Information
13.1 Power Dissipation and Thermal Requirements
The use of integrated circuits in low-profile and fine-pitch surface-mount packages requires special attention to power dissipation. Many system-
dependent issues such as thermal coupling, airflow, added heat sinks, convection surfaces, and the presence of other heat-generating
components must be taken into consideration.
The P9225-R package has a maximum power dissipation of approximately 1.72W, which is governed by the number of thermal vias between
the package and the printed circuit board. The die’s maximum power dissipation is specified by the junction temperature and the package
thermal resistance. The WLCSP package has a typical θJA of 47ºC/W with 8 thermal vias and 77ºC/W with no thermal vias. Maximizing the
thermal vias is highly recommended.
The ambient temperature surrounding the R9225-R0 will also have an effect on the thermal limits of the printed circuit board (PCB) design. The
main factors influencing thermal resistance (θJA) are the PCB characteristics and thermal vias. For example, in a typical still-air environment, a
significant amount of the heat generated is absorbed by the PCB. Changing the design or configuration of the PCB changes the overall thermal
resistivity and therefore the board’s heat-sinking efficiency.
Three basic approaches for enhancing thermal performance are listed below:
Improving the power dissipation capability of the PCB design
Improving the thermal coupling of the component to the PCB
Introducing airflow into the system
First, the maximum power dissipation for a given situation should be calculated using Equation 6:
PD(MAX) =
�TJ(MAX)−TAMB�
θJA
Equation 6
Where
PD(MAX) = Maximum power dissipation
θJA = Package thermal resistance (°C/W)
TJ(MAX) = Maximum device junction temperature (°C)
TAMB = Ambient temperature (°C)
The maximum recommended junction temperature (TJ(MAX)) for the P9225-R device is 125°C. The thermal resistance of the 52-WLCSP package
(AHG52) is nominally θJA=47°C/W with 8 thermal vias. Operation is specified to a maximum steady-state ambient temperature (TAMB) of 85°C.
Therefore, the maximum recommended power dissipation is
PD(MAX) =
(124°C−85°C)
47°C/W
≅0.85Watt
Equation 7
All the above-mentioned thermal resistances are the values found when the P9225-R is mounted on a standard board of the dimensions and
characteristics specified by the JEDEC 51 standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com