Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R Datasheet(PDF) 33 Page - Integrated Device Technology

Part # P9225-R
Description  Dual-Mode Wireless Power Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9225-R Datasheet(HTML) 33 Page - Integrated Device Technology

Back Button P9225-R Datasheet HTML 26Page - Integrated Device Technology P9225-R Datasheet HTML 27Page - Integrated Device Technology P9225-R Datasheet HTML 28Page - Integrated Device Technology P9225-R Datasheet HTML 29Page - Integrated Device Technology P9225-R Datasheet HTML 30Page - Integrated Device Technology P9225-R Datasheet HTML 31Page - Integrated Device Technology P9225-R Datasheet HTML 32Page - Integrated Device Technology P9225-R Datasheet HTML 33Page - Integrated Device Technology P9225-R Datasheet HTML 34Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
33
November 12, 2018
14. Package Outline Drawings
The package outline drawings are appended at the end of this document and are accessible from the link below. The package information is
the most current data available and is subject to change.
www.idt.com/document/psc/ahg52-package-outline-2640-x-3940mm-body-04mm-pitch-dsbga
15. Special Notes: WLCSP-52 (AHG52) Package Assembly
Unopened dry packaged parts have a one-year shelf life.
The HIC indicator card for newly-opened dry packaged parts should be checked. If there is any moisture content, the parts must be baked for
a minimum of 8 hours at 125˚C within 24 hours of the assembly reflow process.
16. Marking Diagram
IDT
P9225
YYWW**
$-R
1. Line 1 company name.
2. Truncated part number.
3. “YYWW” is the last digit of the year and week that the part was assembled.
** is the lot sequential code.
4. “$” denotes mark code, -R is part of the device part number
17. Ordering Information
Orderable Part Number
Description and Package
MSL Rating
Carrier Type
Ambient
Temperature
P9225-RAHGI8
P9225-R Wireless Power Receiver for 5W Applications,
2.64 × 3.94 mm 52-WLCSP
MSL1
Reel
0°C to +85°C
P9225-R-EVK
P9225-R Evaluation Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com