Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R Datasheet(PDF) 19 Page - Integrated Device Technology

Part # P9225-R
Description  Dual-Mode Wireless Power Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9225-R Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button P9225-R Datasheet HTML 15Page - Integrated Device Technology P9225-R Datasheet HTML 16Page - Integrated Device Technology P9225-R Datasheet HTML 17Page - Integrated Device Technology P9225-R Datasheet HTML 18Page - Integrated Device Technology P9225-R Datasheet HTML 19Page - Integrated Device Technology P9225-R Datasheet HTML 20Page - Integrated Device Technology P9225-R Datasheet HTML 21Page - Integrated Device Technology P9225-R Datasheet HTML 22Page - Integrated Device Technology P9225-R Datasheet HTML 23Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
19
November 12, 2018
8.12 Advanced Foreign Object Detection (FOD)
When metallic objects are exposed to an alternating magnetic field, eddy currents cause such objects to heat up. Examples of such parasitic
metal objects are coins, keys, paper clips, etc. The amount of heating depends on the strength of the coupled magnetic field, as well as on the
characteristics of the object, such as its resistivity, size, and shape. In a wireless power transfer system, the heating manifests itself as a power
loss, and therefore a reduction in power-transfer efficiency. Moreover, if no appropriate measures are taken, the heating could be sufficient that
the foreign object could become heated to an undesirable temperature.
During the power transfer phase, the receiver periodically will communicate to the transmitter the amount of power received by means of a
Received Power Packet. The transmitter will compare this power with the amount of power transmitted during the same time period. If there is
a significant unexplained loss of power, then the transmitter will shut off power delivery because a possible foreign object might be absorbing
too much energy.
For a WPC system to perform this function with sufficient accuracy, both the transmitter and receiver must account for and compensate for all
of their known losses. Such losses could be due to resistive losses or nearby metals that are part of the transmitter or receiver, etc. Because
the system accurately measures its power and accounts for all known losses, it can thereby detect foreign objects because they cause an
unknown loss. The WPC specification requires that a power receiver must report to the power transmitter its received power (PPR) in a Received-
Power Packet (RPP). The maximum value of the received power accuracy
��������Δdependsonthemaximumpowerofthepowerreceiverasdefined
in Table 8.
The power receiver must determine its PPR with an accuracy of ±
��������Δ,andreportitsreceivedpowerasPRECEIVED=PPR+��������Δ.Thismeansthat
the reported received power is always greater than or equal to the transmitted power (PPT) if there is no foreign object (FO) present on the
interface surface.
Table 8.
Maximum Estimated Power Loss
Maximum Power [W]
Maximum
����������������[mW]
5
350
The compensation algorithm includes values that are programmable via either the I2C interface or OTP (one-time programmable) bits.
Programmability is necessary so that the calibration settings can be optimized to match the power transfer characteristics of each particular
WPC system to include the power losses of the transmit and receive coils, battery, shielding, and case materials under no-load to full-load
conditions. The values are based on the comparison of the received power against a reference power curve so that any foreign object can be
sensed when the received power is different from the expected system power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com