Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R Datasheet(PDF) 25 Page - Integrated Device Technology

Part # P9225-R
Description  Dual-Mode Wireless Power Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9225-R Datasheet(HTML) 25 Page - Integrated Device Technology

Back Button P9225-R Datasheet HTML 21Page - Integrated Device Technology P9225-R Datasheet HTML 22Page - Integrated Device Technology P9225-R Datasheet HTML 23Page - Integrated Device Technology P9225-R Datasheet HTML 24Page - Integrated Device Technology P9225-R Datasheet HTML 25Page - Integrated Device Technology P9225-R Datasheet HTML 26Page - Integrated Device Technology P9225-R Datasheet HTML 27Page - Integrated Device Technology P9225-R Datasheet HTML 28Page - Integrated Device Technology P9225-R Datasheet HTML 29Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
25
November 12, 2018
Table 15. Battery Charge Status
Address and Bit
Register Field Name
R/W Default
Function and Description
003AHEX [7:0]
Batt_Charg_status
R/W
00HEX
The application processor loads the battery charge status in this
register. This value is sent to the transmitter when bit 4 of register
004EHEX is set to “1.”[a]
[a] Firmware only forwards the data from the application processor to transmitter.
Table 16. End Power Transfer
The application processor initiates the End Power Transfer (EPT).
Address and Bit
Register Field Name
R/W Default
Function and Description
003BHEX [7:0]
EPT_Code
R/W
00HEX
The application processor loads the EPT code value in this register.
This value is sent to the transmitter when bit 3 of register 004EHEX is
set to “1.”
Table 17. Read Register – Output Voltage
VOUT =
ADC_VOUT
∗6∗2.1
4095
Address and Bit
Register Field Name
R/W Default
Function and Description
003CHEX [7:0]
ADC_VOUT [7:0]
R
0HEX
8 LSB of VOUT ADC value.
003DHEX [7:4]
Reserved
R
0HEX
Reserved.
003DHEX [3:0]
ADC_VOUT [11:8]
R
0HEX
4 MSB of VOUT ADC value.
Table 18. Read Register – VRECT Voltage
VRECT =
ADC_VRECT
∗10∗2.1
4095
Address and Bit
Register Field Name
R/W Default
Function and Description
0040HEX [7:0]
ADC_VRECT [7:0]
R
–
8 LSB of VRECT ADC value.
0041HEX [7:4]
Reserved
R
0HEX
Reserved
0041HEX [3:0]
ADC_VRECT [11:8]
R
–
4 MSB of VRECT ADC value.
Table 19. Read Register – IOUT Current
��������OUT=RX_IOUT∗2∗2.1
4095
Address and Bit
Register Field Name
R/W Default
Function and Description
0044HEX [7:0]
RX_IOUT [7:0]
RHEX
–
8 LSB of IOUT. Output current in mA.
0045HEX [7:0]
RX_IOUT [15:8]
RHEX
–
8 MSB of IOUT. Output current in mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com