Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R Datasheet(PDF) 26 Page - Integrated Device Technology

Part # P9225-R
Description  Dual-Mode Wireless Power Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9225-R Datasheet(HTML) 26 Page - Integrated Device Technology

Back Button P9225-R Datasheet HTML 22Page - Integrated Device Technology P9225-R Datasheet HTML 23Page - Integrated Device Technology P9225-R Datasheet HTML 24Page - Integrated Device Technology P9225-R Datasheet HTML 25Page - Integrated Device Technology P9225-R Datasheet HTML 26Page - Integrated Device Technology P9225-R Datasheet HTML 27Page - Integrated Device Technology P9225-R Datasheet HTML 28Page - Integrated Device Technology P9225-R Datasheet HTML 29Page - Integrated Device Technology P9225-R Datasheet HTML 30Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
26
November 12, 2018
Table 20. Read Register – Die Temperature
TDIE =
(ADC_Die_Temp–1350)83
444 – 273 where ADC_Die_Temp = 12 bits from ADC_Die_Temp_H and ADC_Die_Temp_L.
Address and Bit
Register Field Name
R/W Default
Function and Description
0046HEX [7:0]
ADC_Die_Temp_L
R
–
8 LSB of current die temperature in °C.
0047HEX [7:4]
Reserved
R
0HEX
Reserved
0047HEX [3:0]
ADC_Die_Temp_H
R
–
4 MSB of current die temperature in °C.
Table 21. Read Register – Operating Frequency
fOP=
64
∗6000
OP_FREQ [15:0]
Address and Bit
Register Field Name
R/W Default
Function and Description
0048HEX [7:0]
OP_FREQ[7:0]
R
–
8 LSB AC signal frequency on the coil.
0049HEX [7:0]
OP_FREQ[15:8]
R
–
8 MSB AC signal frequency on the coil.
Table 22. Command Register
Address and Bit
Register Field Name
R/W Default
Function and Description
004EHEX [7:6]
Reserved
R
0HEX
Reserved.
004EHEX [5]
Clear_Interrupt
RW
0BIN
If application processor sets this bit to "1," the P9225-R clears the
interrupt pin.
004EHEX [4]
Send Batt Charge status
R
0BIN
If the application processor sets this bit to "1," the P9225-R sends
the battery charge status (see Batt_Charg_status in Table 15).
004EHEX [3]
Send_End_Power_Transfer
RW
0BIN
If application processor sets this bit to "1," the P9225-R sends the
End Power Transfer packet (defined in the EPT_Code register
shown in Table 16) to the transmitter and then sets this bit to "0."
004EHEX [2]
Reserved
R
0BIN
Reserved.
004EHEX [1]
Toggle_LDO_On-OFF
RW
0BIN
If application processor sets this bit to "1,” the P9225-R toggles the
LDO output once (from ON to OFF or from OFF to ON), and then
sets this bit to “0.”
004EHEX [0]
Reserved
R
0BIN
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com