Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R Datasheet(PDF) 20 Page - Integrated Device Technology

Part # P9225-R
Description  Dual-Mode Wireless Power Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9225-R Datasheet(HTML) 20 Page - Integrated Device Technology

Back Button P9225-R Datasheet HTML 16Page - Integrated Device Technology P9225-R Datasheet HTML 17Page - Integrated Device Technology P9225-R Datasheet HTML 18Page - Integrated Device Technology P9225-R Datasheet HTML 19Page - Integrated Device Technology P9225-R Datasheet HTML 20Page - Integrated Device Technology P9225-R Datasheet HTML 21Page - Integrated Device Technology P9225-R Datasheet HTML 22Page - Integrated Device Technology P9225-R Datasheet HTML 23Page - Integrated Device Technology P9225-R Datasheet HTML 24Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
20
November 12, 2018
9. Communication Interface
9.1 Modulation/Communication
Receiver-to-transmitter communication is accomplished by modulating the load seen by the receiver's inductor; the communication is purely
digital and logic 1’s and 0’s ride on top of the power signal that exists between the two coils. Modulation is done with amplitude-shift keying
(ASK) modulation using internal switches to connect external capacitors from AC1 and AC2 to ground (see Figure 15) with a bit rate of 2Kbps.
To the transmitter, this appears as an impedance change, which results in measurable variations of the transmitter’s output waveform. The
power transmitter detects this as a modulation of coil current/voltage to receive the packets.
As required by the WPC, the P9225-R uses a differential bi-phase encoding scheme to modulate data bits onto the power signal. A clock
frequency of 2kHz is used for this purpose. A logic ONE bit is encoded using two narrow transitions, whereas a logic ZERO bit is encoded using
one wider transition as shown below:
Figure 16. Bit Encoding Scheme
tCLK
ONE
ZERO
ONE
ZERO
ONE
ONE
ZERO
ZERO
9.2 Byte Encoding for ASK
Each byte in the communication packet comprises 11 bits in an asynchronous serial format, as shown in Figure 17.
Figure 17. Byte Encoding Scheme
Start
Stop
Parity
b0
1
2
3
4
5
6
7
b
b
b
b
b
b
b
Each byte has a start bit, 8 data bits, a parity bit, and a single stop bit.
9.3 Packet Structure
The P9225-R communicates with the base station via communication packets. Each communication packet has the following structure:
Figure 18. Communication Packet Structure
Preamble
Header
Message
Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com