Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R Datasheet(PDF) 7 Page - Integrated Device Technology

Part # P9225-R
Description  Dual-Mode Wireless Power Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9225-R Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button P9225-R Datasheet HTML 3Page - Integrated Device Technology P9225-R Datasheet HTML 4Page - Integrated Device Technology P9225-R Datasheet HTML 5Page - Integrated Device Technology P9225-R Datasheet HTML 6Page - Integrated Device Technology P9225-R Datasheet HTML 7Page - Integrated Device Technology P9225-R Datasheet HTML 8Page - Integrated Device Technology P9225-R Datasheet HTML 9Page - Integrated Device Technology P9225-R Datasheet HTML 10Page - Integrated Device Technology P9225-R Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
7
November 12, 2018
Pins
Name
Type
Function
D1, D2, D3,
D4, D5, D6
OUT
Output
Regulated output voltage pins. On each of these pins, connect a 22μF capacitor to GND. The
default voltage is set to 5V when the VOSET pin is pulled up to VDD18 pin through a 10kΩ
resister. For more information about VOSET, see section 8.2.
E1, E2, E5, E6,
F2, F3, F4, F5
VRECT
Output
Output voltage of the synchronous rectifier bridge. On each of these pins, connect two 22μF
capacitors and a 0.1µF capacitor in parallel to GND. The rectifier voltage dynamically changes
as the load changes.
F1
VDD5V
Output
Internal 5V regulator output voltage for internal use. Connect a 1μF capacitor from this pin to
ground. Do not load the pin.
F6
VDD18
Output
Internal 1.8V regulator output voltage. Connect a 1μF capacitor from this pin to ground. Do not
load the pin.
G1
BST1
Output
Boost capacitor for driving the high-side switch of the internal rectifier. Connect a 15nF capacitor
from the AC1 pin to BST1.
G2, H1, H2
AC1
Input
AC input power. Connect these pins to the resonant capacitance CS (C1, C2, C3, and C5 in
Figure 22).
G3
RSV3
–
Reserved pin. This pin must be connected to OUT pin.
G4
RSV1
–
Reserved pin.
G5, H5, H6
AC2
Input
AC input power. Connect to the Rx coil (L1 in Figure 22).
G6
BST2
Output
Boost capacitor for driving the HIGH-side switch of the internal rectifier. Connect a 15nF
capacitor from the AC2 pin to BST2.
H3
RSV2
–
Reserved pin. This pin must be connected to the OUT pin.
H4
TS
Input
Remote temperature sensor for over-temperature shutdown. Connect to the NTC thermistor
network. If not used, connect this pin to VDD18 pin through the 10kΩ resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com