Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R Datasheet(PDF) 8 Page - Integrated Device Technology

Part # P9225-R
Description  Dual-Mode Wireless Power Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9225-R Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button P9225-R Datasheet HTML 4Page - Integrated Device Technology P9225-R Datasheet HTML 5Page - Integrated Device Technology P9225-R Datasheet HTML 6Page - Integrated Device Technology P9225-R Datasheet HTML 7Page - Integrated Device Technology P9225-R Datasheet HTML 8Page - Integrated Device Technology P9225-R Datasheet HTML 9Page - Integrated Device Technology P9225-R Datasheet HTML 10Page - Integrated Device Technology P9225-R Datasheet HTML 11Page - Integrated Device Technology P9225-R Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
8
November 12, 2018
3. Absolute Maximum Ratings
Stresses greater than those listed as absolute maximum ratings in Table 2 could cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods might affect reliability.
Table 2.
Absolute Maximum Ratings
Symbol/Pins[a], [d]
Parameter
Conditions
Minimum[b] Maximum[b]
Units
AC1[c], AC2[c], COM1, COM2, COMA,
COMB
Absolute Maximum Pin Voltage
-0.3
20
V
EN
����
Absolute Maximum Pin Voltage
-0.3
28
V
SINK, VRECT
Absolute Maximum Pin Voltage
-0.3
24
V
ILIM, RPPG, RPPO, VDD18, VOSET
Absolute Maximum Pin Voltage
-0.3
2
V
INT
����,SCL,SDA,TS,VDD5V,EOC AbsoluteMaximumPinVoltage
-0.3
6
V
BST1
Absolute Maximum Pin Voltage
-0.3
AC1+6
V
BST2
Absolute Maximum Pin Voltage
-0.3
AC2+6
V
OUT
Absolute Maximum Pin Voltage
-0.3
14.4
V
SINK
Maximum Pin Current
–
1
A
COM1, COM2
Maximum RMS Pin Current
–
500
mA
AC1, AC2
Maximum RMS Pin Current
–
2
A
[a] Absolute maximum ratings are not provided for reserved pins (RSV0, RSV1, RSV2, RSV3, and RSV4). These pins are not used in the
application.
[b] All voltages are referenced to ground unless otherwise noted.
[c] During synchronous rectifier dead time, the voltage on the AC1 and AC2 pins is developed by current across the internal power FET’s body
diodes, and it might be lower than -0.3 V. This is normal behavior and does not negatively impact the functionality or reliability of the product.
[d] For the test conditions for the absolute maximum ratings specifications, the P9225-R chip characterization for the operating ambient temperature
(TAMB) specification has been performed down to -10°C only. Design simulation indicates normal operation down to -45°C. Limited bench
functionality tests normal operation down to -40°C.
Table 3.
ESD Information
Test Model
Pins
Ratings
Units
HBM
All pins except RSV0, RSV1, and RSV4
2
kV
RSV2 and RSV3 pins
1
kV
CDM
All pins
500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com