Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R Datasheet(PDF) 23 Page - Integrated Device Technology

Part # P9225-R
Description  Dual-Mode Wireless Power Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9225-R Datasheet(HTML) 23 Page - Integrated Device Technology

Back Button P9225-R Datasheet HTML 19Page - Integrated Device Technology P9225-R Datasheet HTML 20Page - Integrated Device Technology P9225-R Datasheet HTML 21Page - Integrated Device Technology P9225-R Datasheet HTML 22Page - Integrated Device Technology P9225-R Datasheet HTML 23Page - Integrated Device Technology P9225-R Datasheet HTML 24Page - Integrated Device Technology P9225-R Datasheet HTML 25Page - Integrated Device Technology P9225-R Datasheet HTML 26Page - Integrated Device Technology P9225-R Datasheet HTML 27Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
23
November 12, 2018
11. Functional Registers
The following tables provide the address locations, field names, available operations (R or RW), default values, and functional descriptions of
all the internally accessible registers contained within the P9225-R. The default I2C slave address is 61HEX.
Table 9.
Device Identification Register
Address and Bit
Register Field Name
R/W Default
Function and Description
0000HEX [7:0]
Part_number_L
R
25HEX
Chip ID low byte
0001HEX [7:0]
Part_number_H
R
92HEX
Chip ID high byte
Table 10. Firmware Major Revision
Address and Bit
Register Field Name
R/W Default
Function and Description
0004HEX [7:0]
FW_Major_Rev_L
R
01HEX
Major firmware revision low byte
0005HEX [7:0]
FW_Major_Rev_H
R
00HEX
Major firmware revision high byte
Table 11. Firmware Minor Revision
Address and Bit
Register Field Name
R/W Default
Function and Description
0006HEX [7:0]
FW_Minor_Rev_L
R
27HEX
Minor firmware revision low byte
0007HEX [7:0]
FW_Minor_Rev_H
R
04HEX
Minor firmware revision high byte
Table 12. Status Registers
Address and Bit
Register Field Name
R/W Default
Function and Description
0034HEX [7]
Vout_Status
R
0BIN
“0” output voltage is off.
“1” output voltage is on.
0034HEX [6]
Reserved
R
0BIN
0034HEX [5]
Reserved
R
0BIN
0034HEX [4]
Reserved
R
0BIN
0034HEX [3]
Reserved
R
0BIN
0034HEX [2]
Thermal_SHTDN_Status
R
0BIN
“0” indicates no over-temperature condition exists.
“1” indicates that the die temperature exceeds 130°C or the NTC is
less than 0.6V. The P9225-R sends an End Power Transfer (EPT)
packet to the transmitter.
0034HEX [1]
VRECT_OV_ Status
R
0BIN
“1” indicates rectifier exceeds 20V for VOUT=12. The P9225-R
sends an End Power Transfer (EPT) packet to the transmitter.
0034HEX [0]
Current_Limit_Status
R
0BIN
“1” indicates current limit has been exceeded. The P9225-R sends
an End Power Transfer (EPT) packet to the transmitter.
0035HEX [7:0]
Reserved
R
00HEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com