Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 184 page
background image
Signal Pins
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
25
Preliminary
WR
51
L4
Output
In reset,
output is
disabled,
pull-up is
enabled
Write Enable — WR is asserted during external memory write
cycles. When WR is asserted low, pins D0 - D15 become outputs
and the device puts data on the bus. When WR is deasserted
high, the external data is latched inside the external device. When
WR is asserted, it qualifies the A0 - A23, PS, DS, and CSn pins.
WR can be connected directly to the WE pin of a static RAM.
Depending upon the state of the DRV bit in the EMI bus control
register (BCR), WR is tri-stated when the external bus is inactive.
Most designs will want to change the DRV state to DRV = 1 instead
of using the default setting.
To deactivate the internal pull-up resistor, set the CTRL bit in the
SIM_PUDR register.
PS
(CS0)
(GPIOD8)
53
N6
Output
Input/
Output
In reset,
output is
disabled,
pull-up is
enabled
Program Memory Select — This signal is actually CS0 in the
EMI, which is programmed at reset for compatibility with the
56F80x PS signal. PS is asserted low for external program
memory access.
Depending upon the state of the DRV bit in the EMI bus control
register (BCR), CS0 is tri-stated when the external bus is inactive.
CS0 resets to provide the PS function as defined on the 56F80x
devices.
Port D GPIO — This GPIO pin can be individually programmed
as an input or output pin.
To deactivate the internal pull-up resistor, clear bit 8 in the
GPIOD_PUR register.
DS
(CS1)
(GPIOD9)
54
L5
Output
Input/
Output
In reset,
output is
disabled,
pull-up is
enabled
Data Memory Select — This signal is actually CS1 in the EMI,
which is programmed at reset for compatibility with the 56F80x
DS signal. DS is asserted low for external data memory access.
Depending upon the state of the DRV bit in the EMI bus control
register (BCR), CS1 is tri-stated when the external bus is inactive.
CS1 resets to provide the DS function as defined on the 56F80x
devices.
Port D GPIO — This GPIO pin can be individually programmed
as an input or output pin.
To deactivate the internal pull-up resistor, clear bit 9 in the
GPIOD_PUR register.
Table 2-2 Signal and Package Information for the 160-Pin LQFP and MBGA
Signal
Name
Pin
No.
Ball No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com