Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
34
Freescale Semiconductor
Preliminary
PWMA0
73
M11
Output
In reset,
output is
disabled,
pull-up is
enabled
PWMA0 - 5 — These are six PWMA outputs.
PWMA1
75
P12
PWMA2
76
N11
PWMA3
78
M12
PWMA4
79
P13
PWMA5
81
N12
ISA0
(GPIOC8)
126
A11
Schmitt
Input
Schmitt
Input/
Output
Input,
pull-up
enabled
ISA0 - 2 — These three input current status pins are used for
top/bottom pulse width correction in complementary channel
operation for PWMA.
Port C GPIO — These GPIO pins can be individually
programmed as input or output pins.
In the 56F8367, these pins default to ISA functionality after reset.
In the 56F8167, the default state is not one of the functions
offered and must be reconfigured.
To deactivate the internal pull-up resistor, clear the appropriate bit
of the GPIOC_PUR register. For details, see Part 6.5.8.
ISA1
(GPIOC9)
127
C11
ISA2
(GPIOC10)
128
D11
FAULTA0
82
N13
Schmitt
Input
Input,
pull-up
enabled
FAULTA0 - 2 — These three fault input pins are used for
disabling selected PWMA outputs in cases where fault conditions
originate off-chip.
To deactivate the internal pull-up resistor, set the PWMA0 bit in
the SIM_PUDR register. For details, see Part 6.5.8.
FAULTA1
84
N14
FAULTA2
85
M13
FAULTA3
87
M14
Schmitt
Input
Input,
pull-up
enabled
FAULTA3 — This fault input pin is used for disabling selected
PWMA outputs in cases where fault conditions originate off-chip.
To deactivate the internal pull-up resistor, set the PWMA1 bit in
the SIM_PUDR register. See Part 6.5.6 for details.
PWMB0
38
N1
Output
In reset,
output is
disabled,
pull-up is
enabled
PWMB0 - 5 — Six PWMB output pins.
PWMB1
39
P1
PWMB2
40
N2
PWMB3
43
N3
PWMB4
44
P2
PWMB5
45
M3
Table 2-2 Signal and Package Information for the 160-Pin LQFP and MBGA
Signal
Name
Pin
No.
Ball No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com