Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 88Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 89Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 90Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 92Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 184 page
background image
Register Descriptions
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
91
Preliminary
5.6.4.7
FlexCAN Bus Off Interrupt Priority Level (FCBOFF IPL)— Bits 3–2
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2.
They are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.4.8
Reserved—Bits 1–0
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
5.6.5
Interrupt Priority Register 4 (IPR4)
Figure 5-7 Interrupt Priority Register 4 (IPR4)
5.6.5.1
SPI0 Receiver Full Interrupt Priority Level (SPI0_RCV IPL)—Bits 15–14
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2.
They are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.5.2
SPI1 Transmit Empty Interrupt Priority Level (SPI1_XMIT IPL)—
Bits 13–12
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2.
They are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
Base + $4
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
SPI0_RCV
IPL
SPI1_XMIT
IPL
SPI1_RCV
IPL
0
0
0
0
GPIOA IPL
GPIOB IPL
GPIOC IPL
Write
RESET
0000000
000
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com