Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
32
Freescale Semiconductor
Preliminary
PHASEA1
(TB0)
(SCLK1)
(GPIOC0)
6C1
Schmitt
Input
Schmitt
Input/
Output
Schmitt
Input/
Output
Schmitt
Input/
Output
Input,
pull-up
enabled
Phase A1 — Quadrature Decoder 1, PHASEA input for decoder
1.
TB0 — Timer B, Channel 0
SPI 1 Serial Clock — In the master mode, this pin serves as an
output, clocking slaved listeners. In slave mode, this pin serves as
the data clock input. To activate the SPI function, set the
PHSA_ALT bit in the SIM_GPS register. For details, see Part
6.5.8.
Port C GPIO — This GPIO pin can be individually programmed
as an input or output pin.
In the 56F8367, the default state after reset is PHASEA1.
In the 56F8167, the default state is not one of the functions
offered and must be reconfigured.
To deactivate the internal pull-up resistor, clear bit 0 in the
GPIOC_PUR register.
PHASEB1
(TB1)
(MOSI1)
(GPIOC1)
7D1
Schmitt
Input
Schmitt
Input/
Output
Schmitt
Input/
Output
Schmitt
Input/
Output
Input,
pull-up
enabled
Phase B1 — Quadrature Decoder 1, PHASEB input for decoder
1.
TB1 — Timer B, Channel 1
SPI 1 Master Out/Slave In — This serial data pin is an output
from a master device and an input to a slave device. The master
device places data on the MOSI line a half-cycle before the clock
edge the slave device uses to latch the data. To activate the SPI
function, set the PHSB_ALT bit in the SIM_GPS register. For
details, see Part 6.5.8.
Port C GPIO — This GPIO pin can be individually programmed
as an input or output pin.
In the 56F8367, the default state after reset is PHASEB1.
In the 56F8167, the default state is not one of the functions
offered and must be reconfigured.
To deactivate the internal pull-up resistor, clear bit 1 in the
GPIOC_PUR register.
Table 2-2 Signal and Package Information for the 160-Pin LQFP and MBGA
Signal
Name
Pin
No.
Ball No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com