Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 79Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 83Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 84Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 184 page
background image
Block Diagram
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
83
Preliminary
5.4 Block Diagram
Figure 5-1 Interrupt Controller Block Diagram
5.5 Operating Modes
The ITCN module design contains two major modes of operation:
•
Functional Mode
The ITCN is in this mode by default.
•
Wait and Stop Modes
During Wait and Stop modes, the system clocks and the 56800E core are turned off. The ITCN will signal
a pending IRQ to the System Integration Module (SIM) to restart the clocks and service the IRQ. An IRQ
can only wake up the core if the IRQ is enabled prior to entering the Wait or Stop mode. Also, the IRQA
and IRQB signals automatically become low-level sensitive in these modes even if the control register bits
are set to make them falling-edge sensitive. This is because there is no clock available to detect the falling
edge.
A peripheral which requires a clock to generate interrupts will not be able to generate interrupts during Stop
mode. The FlexCAN module can wake the device from Stop mode, and a reset will do just that, or IRQA
and IRQB can wake it up.
Priority
Level
2->4
Decode
INT1
Priority
Level
2->4
Decode
INT82
Level 0
82->7
Priority
Encoder
any0
Level 3
82->7
Priority
Encoder
any3
INT
VAB
IPIC
CONTROL
7
7
PIC_EN
IACK
SR[9:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com