Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 184 page
background image
Signal Pins
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
37
Preliminary
TD0
(GPIOE10)
129
B10
Schmitt
Input/
Output
Schmitt
Input/
Output
Input,
pull-up
enabled
TD0 - 3— Timer D, Channels 0, 1, 2 and 3
Port E GPIO — These GPIO pins can be individually
programmed as input or output pins.
At reset, these pins default to Timer functionality.
To deactivate the internal pull-up resistor, clear the appropriate bit
of the GPIOE_PUR register. See Part 6.5.6 for details.
TD1
(GPIOE11)
130
A10
TD2
(GPIOE12)
131
D10
TD3
(GPIOE13)
132
E10
IRQA
65
K9
Schmitt
Input
Input,
pull-up
enabled
External Interrupt Request A and B — The IRQA and IRQB
inputs are asynchronous external interrupt requests during Stop
and Wait mode operation. During other operating modes, they are
synchronized external interrupt requests, which indicate an
external device is requesting service. They can be programmed to
be level-sensitive or negative-edge triggered.
To deactivate the internal pull-up resistor, set the IRQ bit in the
SIM_PUDR register. See Part 6.5.6 for details.
IRQB
66
P9
RESET
98
J14
Schmitt
Input
Input,
pull-up
enabled
Reset — This input is a direct hardware reset on the processor.
When RESET is asserted low, the device is initialized and placed
in the reset state. A Schmitt trigger input is used for noise
immunity. When the RESET pin is deasserted, the initial chip
operating mode is latched from the EXTBOOT pin. The internal
reset signal will be deasserted synchronous with the internal
clocks after a fixed number of internal clocks.
To ensure complete hardware reset, RESET and TRST should be
asserted together. The only exception occurs in a debugging
environment when a hardware device reset is required and the
JTAG/EOnCE module must not be reset. In this case, assert
RESET but do not assert TRST.
Note: The internal Power-On Reset will assert on initial power-up.
To deactivate the internal pull-up resistor, set the RESET bit in the
SIM_PUDR register. See Part 6.5.6 for details.
RSTO
97
J13
Output
Output
Reset Output — This output reflects the internal reset state of the
chip.
Table 2-2 Signal and Package Information for the 160-Pin LQFP and MBGA
Signal
Name
Pin
No.
Ball No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com