Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
26
Freescale Semiconductor
Preliminary
GPIOD0
(CS2)
(CAN2_TX)
55
P6
Input/
Output
Output
Open
Drain
Output
Input,
pull-up
enabled
Port D GPIO — This GPIO pin can be individually programmed
as an input or output pin.
Chip Select — CS2 may be programmed within the EMI module
to act as a chip select for specific areas of the external memory
map.
Depending upon the state of the DRV bit in the EMI Bus Control
Register (BCR), CS2 is tri-stated when the external bus is
inactive.
Most designs will want to change the DRV state to DRV = 1
instead of using the default setting.
FlexCAN2 Transmit Data — CAN output.
At reset, this pin is configured as GPIO. This configuration can be
changed by setting bit 0 in the GPIO_D_PER register. Then
change bit 4 in the SIM_GPS register to select the desired
peripheral function.
To deactivate the internal pull-up resistor, clear bit 0 in the
GPIOD_PUR register.
GPIOD1
(CS3)
(CAN2_RX)
56
L6
Schmitt
Input/
Output
Output
Schmitt
Input
Input,
pull-up
enabled
Port D GPIO — This GPIO pin can be individually programmed
as an input or output pin.
Chip Select — CS3 may be programmed within the EMI module
to act as a chip select for specific areas of the external memory
map.
Depending upon the state of the DRV bit in the EMI Bus Control
Register (BCR), CS3 is tri-stated when the external bus is
inactive.
Most designs will want to change the DRV state to DRV = 1 instead
of using the default setting.
FlexCAN2 Receive Data — This is the CAN input. This pin has
an internal pull-up resistor.
At reset, this pin is configured as GPIO. This configuration can be
changed by setting bit 1 in the GPIO_D_PER register. Then
change bit 5 in the SIM_GPS register to select the desired
peripheral function.
To deactivate the internal pull-up resistor, clear bit 1 in the
GPIOD_PUR register.
Table 2-2 Signal and Package Information for the 160-Pin LQFP and MBGA
Signal
Name
Pin
No.
Ball No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com