Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
36
Freescale Semiconductor
Preliminary
ANB0
116
C13
Input
Analog
Input
ANB0 - 3 — Analog inputs to ADC B, channel 0
ANB1
117
B14
ANB2
118
C12
ANB3
119
B13
ANB4
120
A14
Input
Analog
Input
ANB4 - 7 — Analog inputs to ADC B, channel 1
ANB5
121
A13
ANB6
122
B12
ANB7
123
A12
TEMP_
SENSE
108
E11
Output
Analog
Output
Temperature Sense Diode — This signal connects to an on-chip
diode that can be connected to one of the ADC inputs and used to
monitor the temperature of the die. Must be bypassed with a
0.01
µF capacitor.
CAN_RX
143
B7
Schmitt
Input
Input,
pull-up
enabled
FlexCAN Receive Data — This is the CAN input. This pin has an
internal pull-up resistor.
To deactivate the internal pull-up resistor, set the CAN bit in the
SIM_PUDR register.
CAN_TX
142
D6
Open
Drain
Output
Open
Drain
Output
FlexCAN Transmit Data — CAN output with internal pull-up
enable at reset.*
* Note: If a pin is configured as open drain output mode, internal
pull-up will automatically be disabled when it outputs low. Internal
pull-up will be enabled unless it has been manually disabled by
clearing the corresponding bit in the PUREN register of the GPIO
module, when it outputs high.
If a pin is configured as push-pull output mode, internal pull-up will
automatically be disabled, whether it outputs low or high.
TC0
(GPIOE8)
133
A9
Schmitt
Input/
Output
Schmitt
Input/
Output
Input,
pull-up
enabled
TC0 — Timer C, Channel 0 and 1
Port E GPIO — These GPIO pins can be individually
programmed as input or output pins.
At reset, these pins default to Timer functionality.
To deactivate the internal pull-up resistor, clear the appropriate bit
of the GPIOE_PUR register.
TC1
(GPIOE9)
135
B9
Table 2-2 Signal and Package Information for the 160-Pin LQFP and MBGA
Signal
Name
Pin
No.
Ball No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com