Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 184 page
background image
Award-Winning Development Environment
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
9
Preliminary
A key application-specific feature of the 56F8167 is the inclusion of one Pulse Width Modulator (PWM)
module. This module incorporates three complementary, individually programmable PWM signal output
pairs and can also support six independent PWM functions to enhance motor control functionality.
Complementary operation permits programmable dead time insertion, distortion correction via current
sensing by software, and separate top and bottom output polarity control. The up-counter value is
programmable to support a continuously variable PWM frequency. Edge-aligned and center-aligned
synchronous pulse width control (0% to 100% modulation) is supported. The device is capable of
controlling most motor types: ACIM (AC Induction Motors); both BDC and BLDC (Brush and Brushless
DC motors); SRM and VRM (Switched and Variable Reluctance Motors); and stepper motors. The PWM
incorporates fault protection and cycle-by-cycle current limiting with sufficient output drive capability to
directly drive standard optoisolators. A “smoke-inhibit”, write-once protection feature for key parameters
is also included. A patented PWM waveform distortion correction circuit is also provided. Each PWM is
double-buffered and includes interrupt controls to permit integral reload rates to be programmable from 1
to 16. The PWM module provides reference outputs to synchronize the Analog-to-Digital Converters
through two channels of Quad Timer C.
The 56F8167 incorporates a Quadrature Decoder capable of capturing all four transitions on the two-phase
inputs, permitting generation of a number proportional to actual position. Speed computation capabilities
accommodate both fast- and slow-moving shafts. An integrated watchdog timer in the Quadrature Decoder
can be programmed with a time-out value to alert when no shaft motion is detected. Each input is filtered
to ensure only true transitions are recorded.
This controller also provides a full set of standard programmable peripherals that include two Serial
Communications Interfaces (SCIs); two Serial Peripheral Interfaces (SPIs); and two Quad Timers. Any of
these interfaces can be used as General Purpose Input/Outputs (GPIOs) if that function is not required. An
internal interrupt controller is also a part of the 56F8167.
1.3 Award-Winning Development Environment
Processor ExpertTM (PE) provides a Rapid Application Design (RAD) tool that combines easy-to-use
component-based software application creation with an expert knowledge system.
The CodeWarrior Integrated Development Environment is a sophisticated tool for code navigation,
compiling, and debugging. A complete set of evaluation modules (EVMs) and development system cards
will support concurrent engineering. Together, PE, CodeWarrior and EVMs create a complete, scalable
tools solution for easy, fast, and efficient development.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com