Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
28
Freescale Semiconductor
Preliminary
TXD1
(GPIOD6)
49
P4
Output
Input/
Output
In reset,
output is
disabled,
pull-up is
enabled
Transmit Data — SCI1 transmit data output
Port D GPIO — This GPIO pin can be individually programmed
as an input or output pin.
After reset, the default state is SCI output.
To deactivate the internal pull-up resistor, clear bit 6 in the
GPIOD_PUR register.
RXD1
(GPIOD7)
50
N5
Input
Input/
Output
Input,
pull-up
enabled
Receive Data — SCI1 receive data input
Port D GPIO — This GPIO pin can be individually programmed
as an input or output pin.
After reset, the default state is SCI input.
To deactivate the internal pull-up resistor, clear bit 7 in the
GPIOD_PUR register.
TCK
137
D8
Schmitt
Input
Input,
pulled low
internally
Test Clock Input — This input pin provides a gated clock to
synchronize the test logic and shift serial data to the
JTAG/EOnCE port. The pin is connected internally to a pull-down
resistor.
TMS
138
A8
Schmitt
Input
Input,
pulled high
internally
Test Mode Select Input — This input pin is used to sequence the
JTAG TAP controller’s state machine. It is sampled on the rising
edge of TCK and has an on-chip pull-up resistor.
To deactivate the internal pull-up resistor, set the JTAG bit in the
SIM_PUDR register.
TDI
139
B8
Schmitt
Input
Input,
pulled high
internally
Test Data Input — This input pin provides a serial input data
stream to the JTAG/EOnCE port. It is sampled on the rising edge
of TCK and has an on-chip pull-up resistor.
To deactivate the internal pull-up resistor, set the JTAG bit in the
SIM_PUDR register.
TDO
140
D7
Output
In reset,
output is
disabled,
pull-up is
enabled
Test Data Output — This tri-stateable output pin provides a serial
output data stream from the JTAG/EOnCE port. It is driven in the
shift-IR and shift-DR controller states, and changes on the falling
edge of TCK.
Table 2-2 Signal and Package Information for the 160-Pin LQFP and MBGA
Signal
Name
Pin
No.
Ball No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com