Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 184 page
background image
Signal Pins
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
31
Preliminary
MOSI0
(GPIOE5)
148
B6
Input/
Output
Input/
Output
In reset,
output is
disabled,
pull-up is
enabled
SPI 0 Master Out/Slave In — This serial data pin is an output
from a master device and an input to a slave device. The master
device places data on the MOSI line a half-cycle before the clock
edge the slave device uses to latch the data.
Port E GPIO — This GPIO pin can be individually programmed as
an input or output pin.
After reset, the default state is MOSI0.
To deactivate the internal pull-up resistor, clear bit 5 in the
GPIOE_PUR register.
MISO0
(GPIOE6)
147
D4
Input/
Output
Input/
Output
Input,
pull-up
enabled
SPI 0 Master In/Slave Out — This serial data pin is an input to a
master device and an output from a slave device. The MISO line
of a slave device is placed in the high-impedance state if the slave
device is not selected. The slave device places data on the MISO
line a half-cycle before the clock edge the master device uses to
latch the data.
Port E GPIO — This GPIO pin can be individually programmed as
an input or output pin.
After reset, the default state is MISO0.
To deactivate the internal pull-up resistor, clear bit 6 in the
GPIOE_PUR register.
SS0
(GPIOE7)
145
D5
Input
Input/
Output
Input,
pull-up
enabled
SPI 0 Slave Select — SS0 is used in slave mode to indicate to
the SPI module that the current transfer is to be received.
Port E GPIO — This GPIO pin can be individually programmed as
input or output pin.
After reset, the default state is SS0.
To deactivate the internal pull-up resistor, clear bit 7 in the
GPIOE_PUR register.
Table 2-2 Signal and Package Information for the 160-Pin LQFP and MBGA
Signal
Name
Pin
No.
Ball No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com