Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 83Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 84Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 88Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 89Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 90Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 184 page
background image
Register Descriptions
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
87
Preliminary
5.6.2.1
Reserved—Bits 15–6
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
5.6.2.2
EOnCE Receive Register Full Interrupt Priority Level
(RX_REG IPL)—Bits 5–4
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 1 through 3.
It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 1
•
10 = IRQ is priority level 2
•
11 = IRQ is priority level 3
5.6.2.3
EOnCE Transmit Register Empty Interrupt Priority Level
(TX_REG IPL)—Bits 3–2
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 1 through 3.
It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 1
•
10 = IRQ is priority level 2
•
11 = IRQ is priority level 3
5.6.2.4
EOnCE Trace Buffer Interrupt Priority Level (TRBUF IPL)—Bits 1–0
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 1 through 3.
It is disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 1
•
10 = IRQ is priority level 2
•
11 = IRQ is priority level 3
5.6.3
Interrupt Priority Register 2 (IPR2)
Figure 5-5 Interrupt Priority Register 2 (IPR2)
Base + $2
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
FMCBE IPL
FMCC IPL
FMERR IPL
LOCK IPL
LVI IPL
0
0
IRQB IPL
IRQA IPL
Write
RESET
00000
0000000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com