Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 103Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 104Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 105Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 106Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 107Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 108Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 109Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 110Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 184 page
background image
Register Descriptions
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
107
Preliminary
5.6.23.2
IRQ Pending (PENDING)—Bits 81–85
This register combines with the other five to represent the pending IRQs for interrupt vector numbers 2
through 85.
•
0 = IRQ pending for this vector number
•
1 = No IRQ pending for this vector number
5.6.24
Reserved—Base + 17
5.6.25
Reserved—Base + 18
5.6.26
Reserved—Base + 19
5.6.27
Reserved—Base + 1A
5.6.28
Reserved—Base + 1B
5.6.29
Reserved—Base + 1C
5.6.30
ITCN Control Register (ICTL)
Figure 5-26 ITCN Control Register (ICTL)
5.6.30.1
Interrupt (INT)—Bit 15
This read-only bit reflects the state of the interrupt to the 56800E core.
•
0 = No interrupt is being sent to the 56800E core
•
1 = An interrupt is being sent to the 56800E core
5.6.30.2
Interrupt Priority Level (IPIC)—Bits 14–13
These read-only bits reflect the state of the new interrupt priority level bits being presented to the 56800E
core at the time the last IRQ was taken. This field is only updated when the 56800E core jumps to a new
interrupt service routine.
Note:
Nested interrupts may cause this field to be updated before the original interrupt service routine can
read it.
•
00 = Required nested exception priority levels are 0, 1, 2, or 3
•
01 = Required nested exception priority levels are 1, 2, or 3
•
10 = Required nested exception priority levels are 2 or 3
•
11 = Required nested exception priority level is 3
Base + $1D
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
INT
IPIC
VAB
INT_DIS
1
IRQB STATE
IRQA STATE
IRQB
EDG
IRQA
EDG
Write
RESET
0
0
0
10
000
00
0
1
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com