Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 134 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 130Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 131Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 132Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 133Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 134Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 135Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 136Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 137Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
134
Freescale Semiconductor
Preliminary
E
14
14
2 pins - SCI0
2 pins - EMI Address pins
4 pins - SPI0
2 pins - TMRC
4 pins - Dedicated GPIO
SCI0
EMI Address
SPI0
TMRC
GPIO
F16
16
16 pins - EMI Data
EMI Data
Table 8-3 GPIO External Signals Map
Pins in italics are NOT available in the 56F8167 device
GPIO Port
GPIO Bit
Reset
Function
Functional Signal
Package Pin
GPIOA
0Peripheral
A8
19
1Peripheral
A9
20
2
Peripheral
A10
21
3
Peripheral
A11
22
4
Peripheral
A12
23
5
Peripheral
A13
24
6
Peripheral
A14
25
7
Peripheral
A15
26
8
Peripheral
A0
154
9Peripheral
A1
10
10
Peripheral
A2
11
11
Peripheral
A3
12
12
Peripheral
A4
13
13
Peripheral
A5
14
Table 8-2 56F8167 GPIO Ports Configuration (Continued)
GPIO
Port
Port
Width
Available
Pins in
56F8167
Peripheral Function
Reset Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com