Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 142 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 142 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 138Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 139Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 140Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 141Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 142Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 143Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 144Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 145Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 146Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
142
Freescale Semiconductor
Preliminary
10.2 DC Electrical Characteristics
Note: The 56F8167 device is specified to meet Industrial requirements only; CAN is NOT available on the
56F8167 device.
See Pin Groups in Table 10-1.
Table 10-5 DC Electrical Characteristics
At Recommended Operating Conditions;see Table 10-4
Characteristic
Symbol
Notes
Min
Typ
Max
Unit
Test
Conditions
Output High Voltage
VOH
2.4
—
—
VIOH = IOHmax
Output Low Voltage
VOL
——
0.4
VIOL = IOLmax
Digital Input Current High
pull-up enabled or disabled
IIH
Pin Groups 1, 2, 5, 6, 9
—0
+/- 2.5
µAV
IN = 3.0V to 5.5V
Digital Input Current High
with pull-down
IIH
Pin Group 10
40
80
160
µAV
IN = 3.0V to 5.5V
Analog Input Current High
IIHA
Pin Group 13
—0
+/- 2.5
µAV
IN = VDDA
ADC Input Current High
IIHADC
Pin Group 12
—0
+/- 10
µAV
IN = VDDA
Digital Input Current Low
pull-up enabled
IIL
Pin Groups 1, 2, 5, 6, 9
-200
-100
-500
µAV
IN = 0V
Digital Input Current Low
pull-up disabled
IIL
Pin Groups 1, 2, 5, 6, 9
—0
+/- 2.5
µAV
IN = 0V
Digital Input Current Low
with pull-down
IIL
Pin Group 10
—0
+/- 2.5
µAV
IN = 0V
Analog Input Current Low
IILA
Pin Group 13
—0
+/- 2.5
µAV
IN = 0V
ADC Input Current Low
IILADC
Pin Group 12
—0
+/- 10
µAV
IN = 0V
EXTAL Input Current Low
clock input
IEXTAL
—0
+/- 2.5
µAV
IN = VDDA or 0V
XTAL Input Current Low
clock input
IXTAL
CLKMODE = High
—0
+/- 2.5
µAV
IN = VDDA or 0V
CLKMODE = Low
—
—
200
µAV
IN = VDDA or 0V
Output Current
High Impedance State
IOZ
Pin Groups
1, 2, 3, 4, 5, 6, 7, 8,14
—0
+/- 2.5
µAV
OUT = 3.0V to
5.5V or 0V
Schmitt Trigger Input
Hysteresis
VHYS
Pin Groups
2, 6, 9, 10
—0.3
—
V
—
Input Capacitance
(EXTAL/XTAL)
CINC
—4.5
—
pF
—
Output Capacitance
(EXTAL/XTAL)
COUTC
—5.5
—
pF
—
Input Capacitance
CIN
—6—
pF
—
Output Capacitance
COUT
—6—
pF
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com